Electronic Components Datasheet Search
  English  ▼

X  

NVSW119DT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVSW119DT
Description  SPECIFICATIONS FOR WHITE LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119DT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVSW119DT Datasheet HTML 1Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 2Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 3Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 4Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 5Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 6Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 7Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 8Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
NICHIA STS-DA1-5022 <Cat.No.171031>
2
RANKS
Item
Rank
Condition
Min
Max
Unit
Forward Voltage
M1
IF=700mA
3.1
3.3
V
L2
2.9
3.1
L1
2.7
2.9
Luminous Flux
D340
IF=700mA
340
360
lm
D320
320
340
D300
300
320
D280
280
300
Color Rendering Index
R70
Ra
IF=700mA
70
-
-
Color Ranks(IF=700mA)
The color ranks have chromaticity ranges within 3-step MacAdam ellipse.
Rank
sm273
Rank
sm303
Rank
sm403
Rank
sm503
Color Temperature
(Unit: K)
TCP
2700
3000
4000
5000
Center Point
x
0.4578
0.4338
0.3818
0.3447
y
0.4101
0.4030
0.3797
0.3553
Minor Axis
a
0.004056
0.004107
0.004071
0.003555
Major Axis
b
0.007872
0.008391
0.009282
0.008418
Ellipse Rotation Angle
Φ
-36.05
-36.00
-35.95
-31.78
The color ranks have chromaticity ranges within 5-step MacAdam ellipse.
Rank
sm275
Rank
sm305
Rank
sm405
Rank
sm505
Color Temperature
(Unit: K)
TCP
2700
3000
4000
5000
Center Point
x
0.4578
0.4338
0.3818
0.3447
y
0.4101
0.4030
0.3797
0.3553
Minor Axis
a
0.006760
0.006845
0.006785
0.005925
Major Axis
b
0.013120
0.013985
0.015470
0.014030
Ellipse Rotation Angle
Φ
-36.05
-36.00
-35.95
-31.78
* Ranking at TJ=25°C and measured in pulse mode.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Chromaticity Coordinate Tolerance: ±0.005
* LEDs from the above ranks will be shipped. The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank, Color Rendering Index Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates,
Color Rendering Index
D280
D300
D320
D340
sm273,sm275,sm303,sm305
R70
sm403,sm405,sm503,sm505
R70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com