Electronic Components Datasheet Search
  English  ▼

X  

MLX90313 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MLX90313
Description  Programmable IR Sensor Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90313 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MLX90313 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
MLX90313
Programmable IR Sensor Interface
MLX90313 Programmable IR sensor Interface
Page 8
Rev 1.0 21-July-2001
3901090313
temperature sensor or as output of the internal comparator circuit. As analog output, this pin can either be
connected to the analog amplified temperature sensor signal or to the linearised ambient temperature by
means of the DAC.
When used as comparator output, different configurations are possible as shown below.
COMP
Tambient or
Tobject
Threshold in
EEPROM
Hysteresis in
EEPROM
analog options
Tempout
The driver can source at least 1mA and sink at least 20
µA to an external load. If the capacitive load on
this pin exceeds 50pF, the load should be de-coupled by means of a series resistor. The pin is also output
for linearised Tambient in PWM mode. The pin is protected from over-voltage and can withstand 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com