Electronic Components Datasheet Search
  English  ▼

X  

MLX90313 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MLX90313
Description  Programmable IR Sensor Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90313 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MLX90313 Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 13Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 14Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 15Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 16Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 17Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 18Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 19Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
MLX90313
Programmable IR Sensor Interface
MLX90313 Programmable IR sensor Interface
Page 16
Rev 1.0 21-July-2001
3901090313
IRGAIN2 bit functions
Bit
POR
val
Function
X
100
Vref = 4V
X
101
Vref = 4.5V
RSEL[3:0]
X
0000-1111
Select the value of the analog ground for IR signal path.The bits are
5, RSEL4 is in LPF register (see ‘ADC’ part)
TEMPGAIN
Read access: No. The data is accessible for read via SPI only from eeprom address 02h.
Write access: Directly to internal register in test mode. To EEprom if WP-register is correctly set.
TEMPGAIN bit functions
Bit
POR
val
Function
TRSEL[1:0]
X
00-11
Reference voltage for Tambient measurement at ADC interface
input.
IRSEL[2:0]
X
000-111
Current mirror ratio: See under M in table ‘Temp chain gain settings’
in the section on the Temp-amplifier chain (analog features)
GCT[5:0]
X
000000-
111111
Temp-gain: See table ‘Temp-chain gain settings’ in the section on
the temp-amplifier chain (analog features)
CONFREG1
Read access: Directly from internal registers or EEprom.
Write access: Directly to internal register in test mode. To EEprom if WP-register is correctly set.
CONFREG1 bit functions
Bit
POR
val
Function
Fatal Error
X
1
Flags Multiple eeprom failure. Hamming coding can detect and correct only one bit
per address. Bit will be cleared when going in test mode,disabling EEPROM
protection and returning in normal mode.( for diagnostics only)
ENVR
X
1
Stops the internal reference for DAC (Pin VREF). The reference voltage can be
supplied externally. If ENDAC=0 then VREF is input.
HVSUP
1
1
Enable the regulator for battery supply. NOTE!!! After POR this regulator will be
always on. It can be stopped from EEPROM data.
0
External supply of ADC reference to AGND pin.
SELADREF
X
1
Enable the internal ADC reference (connected to AGND pin).
0
Sets threshold level for Rel1 to THRel1 in EEprom (address 75h)
POTMET
X
1
Sets potentiometer input (pin IROUT) as threshold level
0
Sets Tobject as target voltage for comparator Comp1
COMP1V
X
1
Sets Tambient as target voltage for comparator Comp1
0
Sets polarity of Comp1: Inverting
COMP1P
X
1
Sets polarity of Comp1: Non-inverting
0
Output of Temp amplifier path is connected to ADC
BYPTEMP
X
1
Connects TINP-TINN directly to the ADC, bypassing the Temp-chain
0
Sets Tobject as target voltage for Rel1
REL1V
X
1
Sets Tambient as target voltage for Rel1
0
Sets polarity of Rel1: Inverting
REL1P
X
1
Sets polarity of Rel1: Non-inverting
EEWREN
0
1
Enables write access in EEPROM *write protect
TESTMODE
0
1
Indicates chip is in test mode *write protect
*control bits EEWREN and TESTMODE are write protected. Their values can be set only with writing the
appropriate data in ‘Test’ and ‘WP’ registers. These bits are flags which indicate the system operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com