Electronic Components Datasheet Search
  English  ▼

X  

LHGBT686 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LHGBT686
Description  white P-LCC-4 package, higher contrast by a black surface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHGBT686 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LHGBT686 Datasheet HTML 3Page - OSRAM GmbH LHGBT686 Datasheet HTML 4Page - OSRAM GmbH LHGBT686 Datasheet HTML 5Page - OSRAM GmbH LHGBT686 Datasheet HTML 6Page - OSRAM GmbH LHGBT686 Datasheet HTML 7Page - OSRAM GmbH LHGBT686 Datasheet HTML 8Page - OSRAM GmbH LHGBT686 Datasheet HTML 9Page - OSRAM GmbH LHGBT686 Datasheet HTML 10Page - OSRAM GmbH LHGBT686 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LHGB T686
2005-03-03
7
Durchlassstrom
6) 7) Seite 19
Forward Current
6) 7) page 19
I
F = f (VF); TA = 25 °C
Durchlassstrom
6) 7) Seite 19
Forward Current
6) 7) page 19
I
F = f (VF); TA = 25 °C; blue
Relative Lichtstärke
6) 7) Seite 19
Relative Luminous Intensity
6) 7) page 19
I
V/IV(10 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
6) Seite 19
Relative Luminous Intensity
6) page 19
I
V/IV(25 °C) = f (Tj); IF = 10 mA
10
1.4
5
-1
0
10
V
F
V
5
1
10
Ι
F
mA
2
10
green
hyper-red
OHL01360
1.6 1.8 2.0 2.2 2.4 2.6
3.0
V
OHL00432
F
F
I
V
5
1.5
2 2.5 3 3.5 4 4.5 5
6
10
-1
0
10
5
1
10
10
2
mA
OHL01368
0
10
mA
2
10
F
I
I
V (10 mA)
I
V
10 1
10
1
-1
10
0
10
hyper-red
green
5
5
blue
green
0
OHL01369
˚C
j
T
020
40
60
80
100
V
V (25 ˚C)
I
I
0.4
0.8
1.2
1.6
2
hyper-red
blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com