Electronic Components Datasheet Search
  English  ▼

X  

LHGBT686 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LHGBT686
Description  white P-LCC-4 package, higher contrast by a black surface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHGBT686 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LHGBT686 Datasheet HTML 10Page - OSRAM GmbH LHGBT686 Datasheet HTML 11Page - OSRAM GmbH LHGBT686 Datasheet HTML 12Page - OSRAM GmbH LHGBT686 Datasheet HTML 13Page - OSRAM GmbH LHGBT686 Datasheet HTML 14Page - OSRAM GmbH LHGBT686 Datasheet HTML 15Page - OSRAM GmbH LHGBT686 Datasheet HTML 16Page - OSRAM GmbH LHGBT686 Datasheet HTML 17Page - OSRAM GmbH LHGBT686 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
2005-03-03
14
LHGB T686
Empfohlenes Lötpaddesign
8) Seite 19
IR Reflow Löten
Recommended Solder Pad
8) page 19
IR Reflow Soldering
Empfohlenes Lötpaddesign
8) Seite 19
Wellenlöten (TTW)
Recommended Solder Pad
8) page 19
TTW Soldering
OHLPY439
Padgeometrie für
verbesserte Wärmeableitung
improved heat dissipation
Paddesign for
Lötstoplack
Solder resist
1.1 (0.043)
2.6 (0.102)
3.3 (0.130)
0.4 (0.016)
Cathode marking
Kathoden Markierung /
Cu Fläche / 12 mm per pad
2
Cu-area
_
<
3.3 (0.130)
OHAY0583
6.1 (0.240)
2.8 (0.110)
3.5 (0.138)
2.8 (0.110)
0.5 (0.020)
7.5 (0.295)
Solder resist
Lötstoplack
Padgeometrie für
improved heat dissipation
verbesserte Wärmeableitung
Paddesign for
2
Cu Fläche / > 12 mm per pad
Cu-area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com