Electronic Components Datasheet Search
  English  ▼

X  

D255K Datasheet(PDF) 1 Page - eupec GmbH

Part # D255K
Description  Leistungsgleichrichterdioden Power Rectifier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D255K Datasheet(HTML) 1 Page - eupec GmbH

  D255K Datasheet HTML 1Page - eupec GmbH D255K Datasheet HTML 2Page - eupec GmbH D255K Datasheet HTML 3Page - eupec GmbH D255K Datasheet HTML 4Page - eupec GmbH D255K Datasheet HTML 5Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Leistungsgleichrichterdioden
Power Rectifier Diodes
D 255 K
VW K July 1996
Kathode
Cathode
Anode
Anode
Seil
Rope
rot
red
blau
blue
Gewinde
Thread
Typ
Type
N
K
Schaltsymbol
Circuit symbol
Schutzschlauch
Prot. flex. tubing
Gewinde
Thread
Seil
Rope
Kathode
Cathode
Anode
Anode
Seil
Rope
rot
red
blau
blue
Typ
Type
N
K
Schaltsymbol
Circuit symbol
Schutzschlauch
Prot. flex. tubing
Gehäuse
Case
Seil
Rope
Gehäuse
Case
E-Cu-Seil 25mm²
E-CE-Rope 25 mm ²
Siliconschlauch
Silicon tube
8,4
ø36
Bohrung für Tem peratur-
messung 3,2 x 15
Bore for temperature
measurem ent 3,2 x 15
E-Cu-Seil 25mm²
E-Cu-Rope 25 mm²
Siliconschlauch
Silicon tube
SW27
8,4
M12
European Power-
Semiconductor and
Electronics Company
GmbH + Co. KG


Similar Part No. - D255K

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D2550-6002-AR 3M-D2550-6002-AR Datasheet
1Mb / 6P
3M™ Four‑Wall Header
13-Jun-2012
D2550-6002-AR. 3M-D2550-6002-AR. Datasheet
1Mb / 6P
3M™ Four‑Wall Header
13-Jun-2012
logo
Toshiba Semiconductor
D2553 TOSHIBA-D2553 Datasheet
222Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
02-Sep-1999
logo
Agere Systems
D2555G17 AGERE-D2555G17 Datasheet
112Kb / 12P
D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
Rev. 3 July 2001
D2555G18 AGERE-D2555G18 Datasheet
112Kb / 12P
D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
Rev. 3 July 2001
More results

Similar Description - D255K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D126A ETC-D126A Datasheet
65Kb / 4P
Power Rectifier Diodes
logo
eupec GmbH
D758N EUPEC-D758N Datasheet
70Kb / 4P
Leistungsgleichrichterdioden Power Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
logo
eupec GmbH
D475N EUPEC-D475N Datasheet
114Kb / 5P
Leistungsgleichrichterdioden Power Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
eupec GmbH
D121K EUPEC-D121K Datasheet
82Kb / 5P
Leistungsgleichrichterdioden Power Rectifier Diodes
D121N EUPEC-D121N Datasheet
101Kb / 5P
Leistungsgleichrichterdioden Power Rectifier Diodes
D251K EUPEC-D251K Datasheet
94Kb / 5P
Leistungsgleichrichterdioden Power Rectifier Diodes
D251N EUPEC-D251N Datasheet
90Kb / 5P
Leistungsgleichrichterdioden Power Rectifier Diodes
D255N EUPEC-D255N Datasheet
95Kb / 5P
Leistungsgleichrichterdioden Power Rectifier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com