Electronic Components Datasheet Search
  English  ▼

X  

D255K Datasheet(PDF) 2 Page - eupec GmbH

Part # D255K
Description  Leistungsgleichrichterdioden Power Rectifier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D255K Datasheet(HTML) 2 Page - eupec GmbH

  D255K Datasheet HTML 1Page - eupec GmbH D255K Datasheet HTML 2Page - eupec GmbH D255K Datasheet HTML 3Page - eupec GmbH D255K Datasheet HTML 4Page - eupec GmbH D255K Datasheet HTML 5Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D 255 K
Elektrische Eigenschaften
Electrical properties
Höchstzulässige Werte
Maximum rated values
Periodische Spitzensperrspannung
repetitive peak reverse voltage
tvj = -40°C... t vj max
VRRM
200, 400
V
600, 800 *
V
Stoßspitzensperrspannung
non-repetitive peak reverse voltage tvj = +25°C... t vj max
VRSM = VRRM
+ 50
V
Durchlaßstrom-Grenzeffektivwert
RMS forward current
IFRMSM
400
A
Dauergrenzstrom
mean forward current
tc = 75 °C
IFAVM
255
A
tc = 130 °C
150
A
Stoßstrom-Grenzwert
surge forward current
tvj = 25°C, t p = 10 ms
IFSM
5,1
kA
tvj = tvj max, tp = 10 ms
4
kA
Grenzlastintegral
I
2 t-value
tvj = 25°C, t p = 10 ms
I
2 t
130
kA
2s
tvj = tvj max, tp = 10 ms
80
kA
2s
Charakteristische Werte
Characteristic values
Durchlaßspannung
on-state voltage
tvj = tvj max, iF = 800 A
VT
max.
1,4
V
Schleusenspannung
threshold voltage
tvj = tvj max
VT(TO)
0,65
V
Ersatzwiderstand
slope resistance
tvj = tvj max
rT
0,85
m
Ω
Sperrstrom
reverse current
tvj = tvj max, VR = VRRM
iR
max.
20
mA
Thermische Eigenschaften
Thermal properties
Innerer Widerstand
thermal resistance, junction
Θ = 180° sin
RthJC
max.
0,345
°C/W
to case
DC
max.
0,340
°C/W
Übergangs-Wärmewiderstand
thermal resistance,case to heatsink
RthCK
max.
0,04
°C/W
Höchstzul.Sperrschichttemperatur
max. junction temperature
tvj max
180
°C
Betriebstemperatur
operating temperature
tc op
-40...+180
°C
Lagertemperatur
storage temperature
tstg
-40...+180
°C
Mechanische Eigenschaften
Mechanical properties
Si-Element mit Druckkontakt
Si-pellet with pressure contact
∅ = 17 mm
Anzugsdrehmoment
tightening torque
Gehäuseform/case design B
M1
20
Nm
Gewicht
weight
G
typ.
175
g
Kriechstrecke
creepage distance
12
mm
Feuchteklasse
humidity classification
DIN 40040
C
Schwingfestigkeit
vibration resistance
f = 50 Hz
50
m/s
2
Maßbild
outline
Seite/page
Polarität
polarity
Kathode=Gehäuse/case
* Bitte Liefertermin erfragen / Delivery on request



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com