Electronic Components Datasheet Search
  English  ▼

X  

D291S Datasheet(PDF) 4 Page - eupec GmbH

Part # D291S
Description  European Power-Semiconductor and Electronics Company
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D291S Datasheet(HTML) 4 Page - eupec GmbH

  D291S Datasheet HTML 1Page - eupec GmbH D291S Datasheet HTML 2Page - eupec GmbH D291S Datasheet HTML 3Page - eupec GmbH D291S Datasheet HTML 4Page - eupec GmbH D291S Datasheet HTML 5Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D 291 S
Fig. 5
Reverse recovery current (upper limit ca. 98% value)
IRM = f(di/dt)
Parameter: IFM
tvj ≤ 125°C; CS = 0,125 µF
RS = 6 Ω; VR(Spr) = 1000 V
1000
100
10
10
100
1000
D 291 S_04
1000A
600A
300A
100A
2
3
4
5
7
9
2
3
4
5
7
9
2
3
4
5 6 7 8 9
2
3
4
5 6 7 8 9
IRM
[A]
-di/dt [A/µs]
-di/dt
IRM
Qrr
VR(Spr)
IFM
1000
100
10
10
100
1000
D 291 S_05
2
3
4
5 6 7 8 9
2
3
4
5 6 7 8 9
2
3
4
5
7
9
2
3
4
5
7
9
1000A
IFM = 3000A
600A
300A
100A
IRM
[A]
-di/dt [A/µs]
-di/dt
IRM
Qrr
VR(Spr)
IFM
1000
10
100
1000
200
300
400
500
700
2
2
D 291 S_07
300A
100A
IFM = 3000A
2000A
1000A
600A
Qrr
[µAs]
-di/dt [A/µs]
2
3
4
5 6 7 8 9
2
3
4
5 6 7 8 9
7
5
4
3
2
5
-di/dt
IRM
Qrr
VR(Spr)
IFM
Fig. 7
Reverse recovery charge (upper limit ca. 98% value)
Qrr = f(di/dt)
Parameter: IFM
tvj ≤ 125°C; CS = 0,1 µF
RS = 6 Ω; VR(Spr) = 1000 V
1000
100
10
100
1000
200
300
400
500
700
D 291 S_06
IFM = 3000A
2000A
1000A
600A
300A
100A
2
3
4
5 6 7 8 9
2
3
4
5 6 7 8 9
7
5
4
3
2
5
2
Qrr
[µAs]
-di/dt [A/µs]
-di/dt
IRM
Qrr
VR(Spr)
IFM
IFM = 3000A
Fig. 6
Reverse recovery current (lower limit ca. 2% value)
IRM = f(di/dt)
Parameter: IFM
tvj ≤ 125°C; CS = 0,125 µF
RS = 6 Ω; VR(Spr) = 1000 V
Fig. 8
Reverse recovery charge (lower limit ca. 2% value)
Qrr = f(di/dt)
Parameter: IFM
tvj ≤ 125°C; CS = 0,1 µF
RS = 6 Ω; VR(Spr) = 1000 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com