Electronic Components Datasheet Search
  English  ▼

X  

MP2317 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2317
Description  26V, 1A, 600kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2317 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2317 Datasheet HTML 8Page - Monolithic Power Systems MP2317 Datasheet HTML 9Page - Monolithic Power Systems MP2317 Datasheet HTML 10Page - Monolithic Power Systems MP2317 Datasheet HTML 11Page - Monolithic Power Systems MP2317 Datasheet HTML 12Page - Monolithic Power Systems MP2317 Datasheet HTML 13Page - Monolithic Power Systems MP2317 Datasheet HTML 14Page - Monolithic Power Systems MP2317 Datasheet HTML 15Page - Monolithic Power Systems MP2317 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP2317 – 26V, 1A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2317 Rev. 1.0
www.MonolithicPower.com
12
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see the Typical Application on
page 1). The feedback resistor (R1) also sets
the feedback loop bandwidth with the external
compensation capacitor. Calculate R2 with
Equation (1):
OUT
R1
R2
V
1
0.791V
(1)
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V) R1 (kΩ) R2 (kΩ) Lo (µH)
3.3
80.6
25.5
10
5
80.6
15
10
Selecting the Inductor
A 1µH to 22µH inductor with a DC current rating
at least 25% percent higher than the maximum
load
current
is
recommended
for
most
applications. For highest efficiency, the inductor
DC resistance should be less than 30mΩ. For
most designs, the inductance value can be
derived from Equation (2):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
(2)
Where ∆IL is the inductor ripple current.
Choose
the
inductor
current
to
be
approximately 30% of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (3):
2
I
I
I
L
LOAD
)
MAX
(
L
(3)
Under light-load conditions below 100mA, a
larger inductance is recommended for improved
efficiency.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter while maintaining the DC input
voltage. For best performance, use low ESR
capacitors. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 22µF capacitor is sufficient.
Since the input capacitor (C1) absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated with Equation (4):
OUT
OUT
C1
LOAD
IN
IN
VV
II
1
VV






(4)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (5):
2
I
I
LOAD
1
C
(5)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors,
a
small,
high-quality
ceramic
capacitor (i.e.: 1μF) should be placed as close
to the IC as possible. When using ceramic
capacitors, ensure that they have enough
capacitance to provide a sufficient charge to
prevent excessive voltage ripple at the input.
The input voltage ripple caused by capacitance
can be estimated with Equation (6):
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V


 


(6)
Selecting the Output Capacitor
The output capacitor (C2) is required to
maintain the DC output voltage. Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended. For best results, use low ESR
capacitors to keep the output voltage ripple low.
The output voltage ripple can be estimated with
Equation (7):
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
(7)
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com