Electronic Components Datasheet Search
  English  ▼

X  

MP2317 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2317
Description  26V, 1A, 600kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2317 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2317 Datasheet HTML 8Page - Monolithic Power Systems MP2317 Datasheet HTML 9Page - Monolithic Power Systems MP2317 Datasheet HTML 10Page - Monolithic Power Systems MP2317 Datasheet HTML 11Page - Monolithic Power Systems MP2317 Datasheet HTML 12Page - Monolithic Power Systems MP2317 Datasheet HTML 13Page - Monolithic Power Systems MP2317 Datasheet HTML 14Page - Monolithic Power Systems MP2317 Datasheet HTML 15Page - Monolithic Power Systems MP2317 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP2317 – 26V, 1A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2317 Rev. 1.0
www.MonolithicPower.com
13
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
For ceramic capacitors, the impedance at the
switching frequency is dominated by the
capacitance, which mainly causes the output
voltage ripple. For simplification, the output
voltage ripple can be estimated with Equation
(8):
OUT
OUT
OUT
2
IN
S1
VV
∆V1
V
8f
L
C2

 

 

(8)
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated with
Equation (9):
OUT
OUT
OUT
ESR
IN
S1
VV
∆V1
R
fL
V

 


9)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP2317 can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An optional, external diode may enhance the
efficiency of the regulator. The conditions of the
external diode are applied when the output
voltage is 5V.
In this case, it is recommended to connect an
external BST diode from VOUT to BST (see
Figure 4).
Figure 4: Optional External Bootstrap Diode
Added to Enhance Efficiency
External VCC Diode
When VOUT is 5V, an external optional diode
from VOUT to VCC may enhance the efficiency
of the regulator (see Figure 5).
C4
0.1µF
1N4148
Figure 5: Optional External Diode Added to
Enhance Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com