Electronic Components Datasheet Search
  English  ▼

X  

MP2321GD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2321GD
Description  19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321GD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2321GD Datasheet HTML 1Page - Monolithic Power Systems MP2321GD Datasheet HTML 2Page - Monolithic Power Systems MP2321GD Datasheet HTML 3Page - Monolithic Power Systems MP2321GD Datasheet HTML 4Page - Monolithic Power Systems MP2321GD Datasheet HTML 5Page - Monolithic Power Systems MP2321GD Datasheet HTML 6Page - Monolithic Power Systems MP2321GD Datasheet HTML 7Page - Monolithic Power Systems MP2321GD Datasheet HTML 8Page - Monolithic Power Systems MP2321GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.0
www.MonolithicPower.com
4
10/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C (7), typical value is tested at TJ = +25°C, unless otherwise
noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
0.1
1
μA
Supply current (quiescent)
IQ
VEN = 5V, VFB = 0.7V,
TJ = 25°C
40
55
μA
VIN under-voltage lockout
threshold rising
INUVVth
3.5
3.7
3.9
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
200
mV
HS switch on resistance
HSRDS(ON)
110
mΩ
LS switch on resistance
LSRDS(ON)
40
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 0V or 12V
0
1
μA
High-side MOSFET current limit
ILIMIT
Duty = 40%, TJ = -40°C to
+125°C
2.7
4
6
A
Duty = 40%, TJ = 25°C
3
4
6
Low-Side MOSFET current limit
ILIMIT
PWM mode, sink current
1.5
A
One-shot on timer
(8)
TON
RREQ = 180k from
FREQ/MODE to GND
230
ns
Minimum on time
(8)
TON_min
90
ns
Minimum off time
TOFF min
150
ns
Feedback voltage
VFB
TJ = -40°C to +125°C
591
600
609
mV
TJ = 25°C
594
600
606
Feedback current
IFB
VFB = 700mV
10
50
nA
Soft-start current
ISS
4
8
11
μA
EN input high voltage
1.6
V
EN input low voltage
0.4
V
EN input current
IEN
VEN = 2V
2
μA
VEN = 0V
0
Power good UV rising threshold
PGUVVth Hi
0.9
VFB
Power good UV falling threshold
PGUVVth Lo
0.85
VFB
Power good OV rising threshold
PGOVVth Hi
1.2
1.3
1.4
VFB
Power good OV falling threshold
PGOVVth Lo
1
1.1
1.2
VFB
Power good delay
PGTd
140
μs
Power good sink current
capability
VPG
Sink 1mA
0.4
V
Power good leakage current
IPG LEAK
VPG = 3.3V
50
nA
Thermal shutdown
(8)
TSD
150
°C
Thermal shutdown hysteresis
(8)
TSD_HYS
20
°C
NOTES:
7) Not tested in production. Guaranteed by over-temperature correlation.
8) Not tested in production. Guaranteed by design and engineering sample characterization test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com