Electronic Components Datasheet Search
  English  ▼

X  

MP2321GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2321GD
Description  19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2321GD Datasheet HTML 10Page - Monolithic Power Systems MP2321GD Datasheet HTML 11Page - Monolithic Power Systems MP2321GD Datasheet HTML 12Page - Monolithic Power Systems MP2321GD Datasheet HTML 13Page - Monolithic Power Systems MP2321GD Datasheet HTML 14Page - Monolithic Power Systems MP2321GD Datasheet HTML 15Page - Monolithic Power Systems MP2321GD Datasheet HTML 16Page - Monolithic Power Systems MP2321GD Datasheet HTML 17Page - Monolithic Power Systems MP2321GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.0
www.MonolithicPower.com
14
10/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Figure 6: Bootstrap Charging Circuit
Ramp with Small ESR Output Capacitor
When the output capacitors are ceramic, the
ESR ripple is not high enough to stabilize the
system, so external ramp compensation is
needed.
Figure 7: Simplified External Ramp Circuit in
PWM Mode with Small ESR Capacitor
Figure 7 shows simplified external ramp
compensation for PWM mode. Chose the
external ramp (Cr) to meet the condition in
Equation (7):
FB
sw
r
11
R
2F
C
5

(7)
Where RFB is set to 90kΩ internally. Then
calculate IRamp with Equation (8):
Rramp
Cr
RFB
Cr
I
= I + I
I
(8)
Vramp on the VCR can be estimated with Equation
(9):
in
out
ramp
on
ramp
r
VV
VT
RC

(9)
Where RRamp is set to 900kΩ internally.
As shown in Equation (9), if there is instability in
PWM mode, Cr can be reduced. If Cr cannot be
reduced further due to limitation from Equation
(7), then add an external resistor between SW
and CR to reduce the equivalent RRamp. Set
VRamp to about 20mV - 40mV for stable PWM
operation.
Table 1 below lists recommended Cr values for
different output voltages. The recommended Cr
value in Table 1 is based on a 500kHz
switching frequency, selected output inductor,
and 22µF output capacitors.
Table 1: Cr Selection for Common Output
Voltages
VOUT (V)
L (μH)
Cr (pF)
VIN = 12V
VIN = 5V
1.0
2.2
82
82
1.2
2.2
100
100
1.5
3.3
120
82
1.8
3.3
120
56
2.5
3.3
150
56
3.3
4.7
150
56
5
4.7
100
56
(9)
NOTE:
9) When VOUT = 5V, VIN should be higher than 6V.
The Cr value may vary with a different input
voltage, output voltage, output inductor, output
capacitor, and frequency set. If the design spec
is not the same as shown in Table 1, the Cr
value must be adjusted accordingly. Refer to
Equation (9) as a design guide.
In skip mode, the stability is determined mainly
by the VEAO ripple. A VRamp value chosen in
PWM operation is reasonable for skip mode.
Soft Start (SS)
The MP2321 employs a soft start (SS)
mechanism to ensure smooth output ramping
during power up. When EN goes high, an
internal current source (8μA) charges up the SS
capacitor. The SS capacitor voltage takes over
the REF voltage to the PWM comparator. The
output voltage smoothly ramps up with the SS
voltage. Once the SS voltage rises above VREF,
it continues to ramp up until the REF voltage
takes over. At this point, the soft start finishes,
and the MP2321 enters steady state operation.
The SS capacitor value can be determined with
Equation (10):
ss
ss
ss
REF
T(ms) I (uA)
C(nF)
V(V)
(10)
If the output capacitance is large, do not set the
SS time to be too short. Otherwise, the current
limit can be easily reached during SS. A
minimum value of 4.7nF is recommended if the
output capacitance is larger than 330μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com