Electronic Components Datasheet Search
  English  ▼

X  

MP4575GF Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4575GF
Description  5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4575GF Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4575GF Datasheet HTML 14Page - Monolithic Power Systems MP4575GF Datasheet HTML 15Page - Monolithic Power Systems MP4575GF Datasheet HTML 16Page - Monolithic Power Systems MP4575GF Datasheet HTML 17Page - Monolithic Power Systems MP4575GF Datasheet HTML 18Page - Monolithic Power Systems MP4575GF Datasheet HTML 19Page - Monolithic Power Systems MP4575GF Datasheet HTML 20Page - Monolithic Power Systems MP4575GF Datasheet HTML 21Page - Monolithic Power Systems MP4575GF Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP4575
– 5A, 55V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4575 Rev. 1.0
www.MonolithicPower.com
18
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.


IN
OUT
IN
OUT
SW
LOAD
IN
V
V
1
V
V
C1
f
I
ΔV
(8)
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR
electrolytic
capacitors.
Low
ESR
capacitors are recommended to keep the output
voltage ripple low. The output voltage ripple can
be estimated with Equation (9):




C2
f
8
1
R
V
V
1
L
f
V
ΔV
SW
ESR
IN
OUT
SW
OUT
OUT
(9)
Where L is the inductor value, and RESR is the
ESR value of the output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency and contributes the most to the
output voltage ripple. For simplification, the
output voltage ripple can be estimated with
Equation (10):


IN
OUT
2
SW
OUT
OUT
V
V
1
C2
L
f
8
V
ΔV
(10)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (11):
ESR
IN
OUT
SW
OUT
OUT
R
V
V
1
L
f
V
ΔV
 
(11)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP4575 can be optimized for a wide range of
capacitances and ESR values.
Compensation Components
The MP4575 employs current-mode control for
easy compensation and fast transient response.
COMP is the output of the internal error
amplifier and controls system stability and
transient response. A series resistor-capacitor
combination sets a pole-zero combination to
control the control system’s characteristics. The
DC gain of the voltage feedback loop can be
calculated with Equation (12):
OUT
FB
VEA
CS
LOAD
VDC
V
V
A
G
R
A
(12)
Where AVEA is the error amplifier voltage gain
(1000V/V),
GCS
is
the
current-sense
transconductance (12A/V), and RLOAD is the
load resistor value.
The system has two important poles: one from
the compensation capacitor (C3) and the output
resistor of error amplifier, and the other due to
the output capacitor and the load resistor.
These poles can be determined with Equation
(13) and Equation (14):
VEA
EA
P1
A
C3
2
π
G
f
(13)
LOAD
P2
R
C2
2
π
1
f
(14)
Where
GEA
is
the
error-amplifier
transconductance (540
μA/V).
The system has one important zero due to the
compensation capacitor and the compensation
resistor (R3). This zero can be determined with
Equation (15):
R3
C3
2
π
1
f
Z1
(15)
The system may have another significant zero if
the output capacitor has a large capacitance or
a high ESR value. This zero can be determined
with Equation (16):
ESR
ESR
R
C2
2
π
1
f
(16)
In
this
case,
a
third
pole
set
by
the
compensation
capacitor
(C4)
and
the
compensation resistor can compensate for the
effect of the ESR zero. This pole can be
determined with Equation (17):
R3
C4
2
π
1
f
P3
(17)
The goal of compensation design is to shape
the converter transfer function for a desired
loop gain. The system crossover frequency
where the feedback loop has unity gain is
important, since lower crossover frequencies
result
in
slower
line
and
load
transient
responses, while higher crossover frequencies
lead to system instability. Generally, set the
crossover frequency to ~0.1xfSW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com