Electronic Components Datasheet Search
  English  ▼

X  

MP4575GF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4575GF
Description  5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4575GF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4575GF Datasheet HTML 1Page - Monolithic Power Systems MP4575GF Datasheet HTML 2Page - Monolithic Power Systems MP4575GF Datasheet HTML 3Page - Monolithic Power Systems MP4575GF Datasheet HTML 4Page - Monolithic Power Systems MP4575GF Datasheet HTML 5Page - Monolithic Power Systems MP4575GF Datasheet HTML 6Page - Monolithic Power Systems MP4575GF Datasheet HTML 7Page - Monolithic Power Systems MP4575GF Datasheet HTML 8Page - Monolithic Power Systems MP4575GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP4575
– 5A, 55V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4575 Rev. 1.0
www.MonolithicPower.com
5
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 48V, VEN = 3.3V, TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Error Amplifier (EA)
Feedback voltage
VFB
4.5V
≤ VIN ≤ 55V
0.98
1
1.02
V
FB current
IFB
VFB = 1.07V
10
50
nA
Error amp transconductance
380
540
720
μA/V
COMP sink/source current
ICOMP
10
20
30
μA
Switch Characteristic
Upper switch on resistance
RON_HS
90
160
mΩ
Lower switch on resistance
RON_LS
70
120
mΩ
Upper switch leakage
ILKG_SW
VEN = 0V, VSW = 0V
10
300
nA
Current Limit
Peak current limit
ILIMIT
10% duty cycle
5.5
8.5
11
A
Quiescent Supply
Quiescent supply current
IQ
No load, without switching
450
670
µA
Shutdown supply current
ISHDN
VEN = 0V
7
12
µA
VDD Regulator
VDD regulator output voltage
VDD
BIAS = NC
3.4
3.6
3.8
V
VDD regulator output voltage
VDD
BIAS = external 5V power
4.6
4.8
V
Threshold Voltage
EN rising threshold
VEN_R
1.4
1.6
1.8
V
EN falling threshold
VEN_F
1.1
1.3
1.5
V
EN threshold hysteresis
VEN_HYS
300
mV
VIN UVLO rising threshold
VINUV_R
3.7
3.9
4.1
V
VIN UVLO falling threshold
VINUV_F
3.3
3.5
3.7
V
VIN UVLO threshold hysteresis
VINUV_HYS
400
mV
Soft Start (SS)
External soft start capacitor
charging current
ISS
VSS = 1V
2.5
4
5.5
μA
PWM Comparator
Minimum off time (4)
tOFF_MIN
100
ns
Minimum on time (4)
tON_MIN
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com