Electronic Components Datasheet Search
  English  ▼

X  

MP8712 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8712
Description  High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8712 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8712 Datasheet HTML 11Page - Monolithic Power Systems MP8712 Datasheet HTML 12Page - Monolithic Power Systems MP8712 Datasheet HTML 13Page - Monolithic Power Systems MP8712 Datasheet HTML 14Page - Monolithic Power Systems MP8712 Datasheet HTML 15Page - Monolithic Power Systems MP8712 Datasheet HTML 16Page - Monolithic Power Systems MP8712 Datasheet HTML 17Page - Monolithic Power Systems MP8712 Datasheet HTML 18Page - Monolithic Power Systems MP8712 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
MP8712 – 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8712 Rev.1.01
www.MonolithicPower.com
15
3/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP8712 is a fully integrated, synchronous,
rectified, step-down, switch-mode converter.
The MP8712 uses constant-on-time (COT)
control to provide fast transient response and
ease loop stabilization. Figure 2 shows the
simplified ramp compensation block. At the
beginning of each cycle, the high-side MOSFET
(HS-FET) turns on whenever the ramp voltage
(VRAMP) is lower than the error amplifier output
voltage (VEAO), which indicates an insufficient
output voltage. The on period is determined by
both the output voltage and input voltage to
make the switching frequency fairly constant
over the input voltage range.
After the on period elapses, the HS-FET enters
the off state. By cycling HS-FET between the
on and off states, the converter regulates the
output
voltage.
The
integrated
low-side
MOSFET (LS-FET) turns on when the HS-FET
is in its off state to minimize conduction loss.
Shoot-through occurs when both the HS-FET
and LS-FET are turned on at the same time,
causing a dead short between the input and
GND.
Shoot-through
reduces
efficiency
dramatically, so the MP8712 prevents this by
generating a dead time (DT) internally between
the HS-FET off and LS-FET on time and the
LS-FET off and HS-FET on time. The MP8712
enters either heavy-load operation or light-load
operation depending on the amplitude of the
output current.
Figure 2: Simplified Compensation Block
Switching Frequency
The MP8712 uses COT control. There is no
dedicated oscillator in the IC. The input voltage
is forward fed to the one-shot on-timer through
the internal frequency resistor. The duty ratio is
kept as VOUT/VIN, and the switching frequency
is a fairly constant 500kHz over the input
voltage range.
Light-Load Operation
When the MP8712 works in light-load operation,
the MP8712 reduces the switching frequency
automatically to maintain high efficiency, and
the inductor current drops almost to zero. When
the inductor current reaches zero, the LS-FET
driver goes into tri-state (Hi-Z) (see Figure 3).
The output capacitors discharge slowly to GND
through R1 and R2. This operation improves
device efficiency greatly when the output
current is low.
Figure 3: Light-Load Operation
Light-load operation is also called skip mode
since the HS-FET does not turn on as
frequently as it does during heavy-load
condition. The HS-FET turn-on frequency is a
function of the output current. As the output
current
increases,
the
current
modulator
regulation time period becomes shorter, and the
HS-FET turns on more frequently. The switching
frequency increases as well. The output current
reaches critical levels when the current
modulator time is zero and can be determined
with Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2L F
V

 
(1)
The MP8712 enters pulse-width modulation
(PWM) mode once the output current exceeds
the critical level. Afterward, the switching
frequency remains fairly constant over the
output current range.
Operating without an External Ramp
The
traditional
COT
control
scheme
is
intrinsically unstable if the output capacitor’s
ESR is not large enough to be an effective
current-sense resistor. Ceramic capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com