Electronic Components Datasheet Search
  English  ▼

X  

MP8712 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8712
Description  High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8712 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8712 Datasheet HTML 15Page - Monolithic Power Systems MP8712 Datasheet HTML 16Page - Monolithic Power Systems MP8712 Datasheet HTML 17Page - Monolithic Power Systems MP8712 Datasheet HTML 18Page - Monolithic Power Systems MP8712 Datasheet HTML 19Page - Monolithic Power Systems MP8712 Datasheet HTML 20Page - Monolithic Power Systems MP8712 Datasheet HTML 21Page - Monolithic Power Systems MP8712 Datasheet HTML 22Page - Monolithic Power Systems MP8712 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
MP8712 – 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8712 Rev.1.01
www.MonolithicPower.com
19
3/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The MP8712 output voltage can be set by the
external resistor dividers. The reference voltage
is fixed at 0.6V.
The feedback network is shown in Figure 5.
Figure 5: Feedback Network
Choose R1 and R2 using Equation (3):
1
6
.
0
1
2
V
V
R
R
OUT
(3)
Table 1 lists the recommended feedback
resistor values for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
(7)
VOUT (V)
R1 (kΩ)
R2 (kΩ) Rt (kΩ)
L (μH)
1.0
80.6
120
10
1.5
1.2
80.6
80.6
10
1.5
1.5
80.6
53.6
10
1.5
1.8
80.6
40.2
10
1.5
2.5
80.6
25.5
10
2.2
3.3
80.6
17.8
10
2.2
5
80.6
11
10
3.3
NOTE:
7)
The recommended parameters are based on a 12V input
voltage and 22µFx4 output capacitor. Different input voltage
and output capacitor values may affect the selection of R1
and R2. For other component parameters, please refer to
the Typical Application Circuits on page 22 to page 25.
Selecting the Inductor
For most applications, use a 0.47µH to 5µH
inductor with a DC current rating at least 25%
higher than the maximum load current. For the
highest efficiency, use an inductor with a DC
resistance less than 5mΩ.
For most designs, the inductance value can be
derived from Equation (4):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
(4)
Where ∆IL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (5):
2
I
I
I
L
LOAD
)
MAX
(
L
(5)
Use a larger inductor for improved efficiency
under light-load conditions below 100mA.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R dielectrics are recommended because of
their
low
ESR
and
small
temperature
coefficients. For most applications, use two
22µF capacitors. Since C1 absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated with Equation (6):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(6)
The worst-case condition occurs at VIN =
2VOUT, shown in Equation (7):
2
I
I
LOAD
1
C
(7)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current. The input capacitor
can be electrolytic, tantalum, or ceramic. When
using electrolytic or tantalum capacitors, add a
small, high-quality ceramic capacitor (e.g.:
0.1μF) placed as close to the IC as possible.
When using ceramic capacitors, ensure that
they have enough capacitance to provide a
sufficient charge to prevent excessive voltage
ripple at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com