Electronic Components Datasheet Search
  English  ▼

X  

SIT3921 Datasheet(PDF) 2 Page - SiTime Corp.

Part # SIT3921
Description  Digitally Controlled Differential Oscillator (DCXO)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3921 Datasheet(HTML) 2 Page - SiTime Corp.

  SIT3921 Datasheet HTML 1Page - SiTime Corp. SIT3921 Datasheet HTML 2Page - SiTime Corp. SIT3921 Datasheet HTML 3Page - SiTime Corp. SIT3921 Datasheet HTML 4Page - SiTime Corp. SIT3921 Datasheet HTML 5Page - SiTime Corp. SIT3921 Datasheet HTML 6Page - SiTime Corp. SIT3921 Datasheet HTML 7Page - SiTime Corp. SIT3921 Datasheet HTML 8Page - SiTime Corp. SIT3921 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT3921
Digitally Controlled Differential Oscillator (DCXO)
Rev. 1.1
Page 2 of 12
www.sitime.com
Pin Description
Pin
Map
Functionality
1
DP
Input
Digital programming pin
2
NC
Input
No Connect
3
GND
Power
VDD power supply ground
4
OUT+
Output
Oscillator output
5
OUT-
Output
Complementary oscillator output
6
VDD
Power
Power supply voltage
Absolute Maximum
Attempted operation outside the absolute maximum ratings may cause permanent damage to the part. Actual performance of
the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Parameter
Min.
Max.
Unit
Storage Temperature
-65
150
°C
VDD
-0.5
4
V
Electrostatic Discharge
–
2000
V
Soldering Temperature (follow standard Pb free soldering guidelines)
–
260
°C
Program Retention over -40 to 125°C, Process, VDD (0 to 3.65V)
1,000+
–
years
Thermal Consideration
Package
JA, 4 Layer Board
(°C/W)
JC, Bottom
(°C/W)
7050, 6-pin
142
27
5032, 6-pin
97
20
3225, 6-pin
109
20
Environmental Compliance
Parameter
Condition/Test Method
Mechanical Shock
MIL-STD-883F, Method 2002
Mechanical Vibration
MIL-STD-883F, Method 2007
Temperature Cycle
JESD22, Method A104
Solderability
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL1 @ 260°C
4
3
1
6
DP
GND
VDD
OUT+
5
2
NC
OUT-
Top View
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
LVDS, DC, and AC Characteristics
Supply Voltage
Vdd
2.97
3.3
3.63
V
2.25
2.5
2.75
V
Current Consumption
Idd
–
47
55
mA
Excluding Load Termination Current, Vdd = 3.3V or 2.5V
Differential Output Voltage
VOD
200
350
500
mV
See Figure 12
VOD Magnitude Change
VOD
––
50
mV
See Figure 12
Offset Voltage
VOS
1.125
1.2
1.375
V
See Figure 12
VOS Magnitude Change
VOS
–
–
50
mV
See Figure 12
Rise/Fall Time
Tr, Tf
360
495
600
ps
20% to 80%
RMS Period Jitter
T_jitt
–
1.2
1.7
ps
f = 100 MHz, Vdd = 3.3V or 2.5V
–
1.2
1.7
ps
f = 156.25 MHz, Vdd = 3.3V or 2.5V
–
1.2
1.7
ps
f = 212.5 MHz, Vdd = 3.3V or 2.5V
RMS Phase Jitter (random)
T_phj
–
0.5
0.75
ps
f = 156.25 MHz, Integration bandwidth = 12 kHz to 20 MHz, all
Vdds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com