Electronic Components Datasheet Search
  English  ▼

X  

SIT3921 Datasheet(PDF) 3 Page - SiTime Corp.

Part # SIT3921
Description  Digitally Controlled Differential Oscillator (DCXO)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3921 Datasheet(HTML) 3 Page - SiTime Corp.

  SIT3921 Datasheet HTML 1Page - SiTime Corp. SIT3921 Datasheet HTML 2Page - SiTime Corp. SIT3921 Datasheet HTML 3Page - SiTime Corp. SIT3921 Datasheet HTML 4Page - SiTime Corp. SIT3921 Datasheet HTML 5Page - SiTime Corp. SIT3921 Datasheet HTML 6Page - SiTime Corp. SIT3921 Datasheet HTML 7Page - SiTime Corp. SIT3921 Datasheet HTML 8Page - SiTime Corp. SIT3921 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT3921
Digitally Controlled Differential Oscillator (DCXO)
Rev. 1.1
Page 3 of 12
www.sitime.com
Default Startup Condition
The SiT3921 starts up at its factory programmed frequency and settings. The control register values are initialized all zeros,
effectively setting the frequency to the middle of the control range.
Frequency Control Protocol Description
The device includes two DCXO registers; writing to these registers controls the output frequency. Data for each register is writ-
ten to the device using a data frame.
Data Frame Format
Each frame consists of 40 bits. A frame has 3 parts:
- The header, 16 bit
- Register address, 8 bit
- The data word (represented as 2's complement numbers), 16 bit.
Bits are sent MSB first.
Frames are sent LS word first in mode 2.
The header allows the devices to recognize that the master is initiating communication. The header includes the device
address, which is factory programmable. The valid header is 0xFAIA, where "I" can be a hex digits from 0 to F. If not specified
at the order time, it will be defaulted to zero. In this document in all examples and text, the device address is considered to be
zero (default).
Frequency Control Mode 1
In this resolution mode, only one frame per frequency update is
required, and the output frequency is updated at the end of each
frame. The length of the frequency control data is 16 bits, and is writ-
ten to the device as shown below:
Frequency Control Mode 2
In this mode, two frames per frequency update are required, and fre-
quency is only updated at the end of the second frame. The fre-
quency control value in this mode is 23 bits. This value is written to
the device in two frames as follows:
Figure 1. Frequency Control Mode 1
Figure 2. Frequency Control Mode 2
Resolution and Update Rate for Mode 1
Resolution and Update Rate for Mode 2
Pull Range (ppm)
Step Resolution (ppb)
Max Update Rate
(Updates Per Second)
Pull Range (ppm)
Step Resolution (ppb)
Max Update Rate
(Updates Per Second)
±25
125 K
±25
1
12.5 K
±50
1.5
25 K
±50
1
12.5 K
±100
325 K
±100
1
12.5 K
±200
625 K
±200
1
12.5 K
±400
12
25 K
±400
1
12.5 K
±800
25
25 K
±800
1
12.5 K
±1600
49
25 K
±1600
1
12.5 K
H e ader
0 x F A 0A , (16 bits )
F reque nc y C ontro l V a lue
(1 6 b its )
R e g A d dres s
0x 06 or 0 x 0 7
(8 b its )
0
15 1 6
23 24
3 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com