Electronic Components Datasheet Search
  English  ▼

X  

SIT5000 Datasheet(PDF) 4 Page - SiTime Corp.

Part # SIT5000
Description  Standard Frequency MEMS (VC)TCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT5000 Datasheet(HTML) 4 Page - SiTime Corp.

  SIT5000 Datasheet HTML 1Page - SiTime Corp. SIT5000 Datasheet HTML 2Page - SiTime Corp. SIT5000 Datasheet HTML 3Page - SiTime Corp. SIT5000 Datasheet HTML 4Page - SiTime Corp. SIT5000 Datasheet HTML 5Page - SiTime Corp. SIT5000 Datasheet HTML 6Page - SiTime Corp. SIT5000 Datasheet HTML 7Page - SiTime Corp. SIT5000 Datasheet HTML 8Page - SiTime Corp. SIT5000 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT5000
Standard Frequency MEMS (VC)TCXO
Rev. 1.0
Page 4 of 7
www.sitime.com
SoftEdge™ Option
The SoftEdge™ output is available as a standard option for the SiT500x family of MEMS (VC)TCXOs. It is typically used for EMI
reduction similar to that of the clipped sinewave output common to many quartz based TCXOs.
In the SoftEdge™ mode, the slower rise/fall edges of the output waveform reduce the higher clock harmonics in a digital clock
signal, minimizing EMI radiation at these harmonics. The table below show the actual rise/fall time in relation to the desired output
frequency and the supply voltage with a 10 k
 / 10 pF load. Rail-to-rail swing of the output is maintained for these supported
frequencies.
Rise/Fall Time for SoftEdge™ Option
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Rise/Fall Time
Tr, Tf
4.0
6.5
9.5
ns
1-26 MHz, 1.8V, 3.0 and 3.3V, MHz 10k and 10 pF, 20%-80% Vd
2.5
4.0
6.0
ns
1-26 MHz, 2.5V and 2.8V, MHz 10k and 10 pF, 20%-80% Vdd
1.5
3.5
5.0
ns
26-40 MHz, 1.8V, 3.0V and 3.3V, MHz 10k and 10 pF, 20%-80% Vdd
1.5
2.5
4.5
ns
26-40 MHz, 2.5V and 2.8V, MHz 10k and 10 pF, 20%-80% Vdd
SoftEdge™ Waveform Examples and Corresponding Harmonics Reduction
Figures below illustrate the harmonic power reduction as the rise/fall times are slowed from the standard squarewave output to
that of the SoftEdge™ output. In general, the 1.8V device shows the lowest harmonics and provides best EMI performance
comparing to devices with higher operating voltages.
Time (ns)
LVCMOS and SoftEdge™ Outputs,
VDD = 3.3V
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
0.5
1
1.5
2
2.5
3
3.5
SoftEdge
LVCMOS
Harmonic Number
Odd Harmonic Power Comparison for LVCMOS and SoftEdge™ Outputs,
VDD = 3.3V
0
2
4
6
8
10
12
14
16
18
20
-40
-30
-20
-10
0
10
20
SoftEdge
LVCMOS
-10dBm
-24.4dbm
Time (20 ns/Div)
LVCMOS and SoftEdge Outputs,
VDD = 2.5V
SoftEdge
LVCMOS
0
2
4
6
8
10
12
14
16
18
20
-40
-30
-20
-10
0
10
20
Harmonic Number
Odd Harmonic Power Comparison for LVCMOS and SoftEdge Outputs,
VDD = 2.5V
SoftEdge
LVCMOS
-11 dBm
-20 dBm
LVCMOS and SoftEdge Outputs,
VDD = 1.8V
Time ( 20ns/Div )
SoftEdge
LVCMOS
Odd Harmonic Power Comparison for LVCMOS and SoftEdge Outputs,
VDD = 1.8V
0
2
4
6
8
10
12
14
16
18
20
-40
-30
-20
-10
0
10
20
Harmonic Number
SoftEdge
LVCMOS
-17 dBm
-22
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com