Electronic Components Datasheet Search
  English  ▼

X  

SIT5000 Datasheet(PDF) 3 Page - SiTime Corp.

Part # SIT5000
Description  Standard Frequency MEMS (VC)TCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT5000 Datasheet(HTML) 3 Page - SiTime Corp.

  SIT5000 Datasheet HTML 1Page - SiTime Corp. SIT5000 Datasheet HTML 2Page - SiTime Corp. SIT5000 Datasheet HTML 3Page - SiTime Corp. SIT5000 Datasheet HTML 4Page - SiTime Corp. SIT5000 Datasheet HTML 5Page - SiTime Corp. SIT5000 Datasheet HTML 6Page - SiTime Corp. SIT5000 Datasheet HTML 7Page - SiTime Corp. SIT5000 Datasheet HTML 8Page - SiTime Corp. SIT5000 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT5000
Standard Frequency MEMS (VC)TCXO
Rev. 1.0
Page 3 of 7
www.sitime.com
Timing Diagram
Phase Noise Plot
50% Vdd
Vdd
ST Voltage
CLK Output
T_resume
T_resume: Time to resume from ST
90% Vdd, 2.5/2,8/3.3V devices
95% Vdd, 1.8V devices
Vdd
Pin 4 Voltage
CLK Output
T_start
T_start: Time to start from power-off
(ST/OE Mode)
(ST Mode Only)
10
3
10
4
10
5
10
6
-170
-160
-150
-140
-130
-120
-110
-100
Frequency Offset (Hz)
Phase Noise, 10MHz carrier, 3.3V, LVCMOS output, TCXO
Integrated random phase jitter (RMS, 12kHz-5MHz): 0.52ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com