Electronic Components Datasheet Search
  English  ▼

X  

SIT5021 Datasheet(PDF) 7 Page - SiTime Corp.

Part # SIT5021
Description  1-220 MHz High Performance Differential (VC) TCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT5021 Datasheet(HTML) 7 Page - SiTime Corp.

Back Button SIT5021 Datasheet HTML 3Page - SiTime Corp. SIT5021 Datasheet HTML 4Page - SiTime Corp. SIT5021 Datasheet HTML 5Page - SiTime Corp. SIT5021 Datasheet HTML 6Page - SiTime Corp. SIT5021 Datasheet HTML 7Page - SiTime Corp. SIT5021 Datasheet HTML 8Page - SiTime Corp. SIT5021 Datasheet HTML 9Page - SiTime Corp. SIT5021 Datasheet HTML 10Page - SiTime Corp. SIT5021 Datasheet HTML 11Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT5021
1-220 MHz High Performance Differential (VC) TCXO
Rev. 1.5
Page 7 of 8
www.sitime.com
Ordering Information
Note:
3. Contact SiTime for tighter stability options.
Ordering Codes for Supported Tape & Reel Packing Method
Device Size
12 mm T&R (3ku)
12 mm T&R (1ku)
12 mm T&R (250u)
16 mm T&R (3ku)
16 mm T&R (1ku)
16 mm T&R (250u)
7.0 x 5.0 mm
–
–
–
T
Y
X
5.0 x 3.2 mm
T
Y
X
–
–
–
3.2 x 2.5 mm
T
Y
X
–
–
–
Frequencies Not Supported
Range 1: From 209.000001 MHz to 210.999999 MHz
SiT5021AC -1CE-33VQ123.123456T
Frequency
1.000000 MHz to
220.000000 MHz
Part Family
“SiT5021”
Revision Letter
“A” is the revision of Silicon
Temperature Range
“I” Industrial, -40 to 85°C
Packaging:
“T” for Tape & Reel (3 Ku Reel)
Package Size
Frequency Stability[3]
“C” Extended Commercial, -20 to 70°C
Signalling Type
“Y” for Tape & Reel (1 Ku Reel)
Blank for Bulk
“25” for 2.5V ±10%
“33” for 3.3V ±10%
“XX” for 2.5 to 3.3V ±10%
“B” 3.2 x 2.5 mm
“C” 5.0 x 3.2 mm
“D” 7.0 x 5.0 mm
“1” = LVPECL
“2” = LVDS
“E” for
±5.0 ppm
Pull Range Options
“-” for
No Pull
“Q” for
±12.5 ppm
“M” for
±25 ppm
“B” for
±50 ppm
Feature Pin (pin 1)
“V” for
Voltage Control
“E” for
Output Enable
“S” for
Standby
“N” for No Connect
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com