Electronic Components Datasheet Search
  English  ▼

X  

SIT5021 Datasheet(PDF) 3 Page - SiTime Corp.

Part # SIT5021
Description  1-220 MHz High Performance Differential (VC) TCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT5021 Datasheet(HTML) 3 Page - SiTime Corp.

  SIT5021 Datasheet HTML 1Page - SiTime Corp. SIT5021 Datasheet HTML 2Page - SiTime Corp. SIT5021 Datasheet HTML 3Page - SiTime Corp. SIT5021 Datasheet HTML 4Page - SiTime Corp. SIT5021 Datasheet HTML 5Page - SiTime Corp. SIT5021 Datasheet HTML 6Page - SiTime Corp. SIT5021 Datasheet HTML 7Page - SiTime Corp. SIT5021 Datasheet HTML 8Page - SiTime Corp. SIT5021 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT5021
1-220 MHz High Performance Differential (VC) TCXO
Rev. 1.5
Page 3 of 8
www.sitime.com
Waveform Diagrams
Figure 1(a). LVPECL Voltage Levels per Differential Pin (OUT+/OUT-)
Figure 1(b). LVPECL Voltage Levels Across Differential Pair
Figure 2. LVDS Voltage Levels per Differential Pin (OUT+/OUT-)
OUT+
OUT-
GND
Tr
Tf
20%
80%
20%
VOL
80%
VOH
0 V
t
V_ S w in g
OUT+
OUT-
GND
Tr
Tf
20%
80%
20%
VOS
80%
VOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com