Electronic Components Datasheet Search
  English  ▼

X  

BCP080T-70 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BCP080T-70
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP080T-70 Datasheet(HTML) 2 Page - BeRex Corporation

  BCP080T-70 Datasheet HTML 1Page - BeRex Corporation BCP080T-70 Datasheet HTML 2Page - BeRex Corporation BCP080T-70 Datasheet HTML 3Page - BeRex Corporation BCP080T-70 Datasheet HTML 4Page - BeRex Corporation BCP080T-70 Datasheet HTML 5Page - BeRex Corporation BCP080T-70 Datasheet HTML 6Page - BeRex Corporation BCP080T-70 Datasheet HTML 7Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCP080T-70
ELECTRICAL CHARACTERISTIC (TUNED FOR GAIN) Ta = 25° C
SYMBOLS
PARAMETER/TEST CONDITIONS
TEST
FREQUENCY MIN.
TYPICAL
MAX.
UNIT
P1dB
Output Power @ P1dB (Vds = 6V, Ids = 50% Idss)
12 GHz
18 GHz
23.5
24.0
24.5
25.0
dBm
G1dB
Gain @ P1dB (Vds = 6V, Ids = 50% Idss)
12 GHz
18 GHz
9.0
4.0
10.5
5.5
dB
PAE
PAE @ P1dB (Vds = 6V, Ids = 50% Idss)
12 GHz
18 GHz
50
45
%
Idss
Saturated Drain Current (Vgs = 0V, Vds = 1.0V)
160
240
320
mA
Gm
Transconductance (Vds = 3V, Vgs = 50% Idss)
320
mS
Vp
Pinch-off Voltage (Ids = 0.2 mA, Vds = 2V)
-2.5
-1.1
-0.5
V
BVgd
Drain Breakdown Voltage (Ig = 0.2mA, source open)
-15
V
BVgs
Source Breakdown Voltage (Ig = 0.2mA, drain open)
-13
V
Rth
Thermal Resistance
135
° C/W
MAXIMUM RATING (Ta = 25° C)
SYMBOLS
PARAMETERS
ABSOLUTE
CONTINUOUS
Vds
Vgs
Ids
Igsf
Pin
Tch
Tstg
Pt
Drain-Source Voltage
Gate-Source Voltage
Drain Current
Forward Gate Current
Input Power
Channel Temperature
Storage Temperature
Total Power Dissipation
12 V
-6 V
Idss
40 mA
27 dBm
175° C
-60° C - 150° C
1.0 W
8 V
-3 V
Idss
7 mA
@ 3dB compression
150° C
-60° C - 150° C
835 mW
Exceeding any of the above Maximum Ratings will result in reduced MTTF and may cause permanent damage to the device.
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.3
NOT RECOMMENDED FOR NEW DESIGNS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com