Electronic Components Datasheet Search
  English  ▼

X  

BCP080T-70 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BCP080T-70
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP080T-70 Datasheet(HTML) 4 Page - BeRex Corporation

  BCP080T-70 Datasheet HTML 1Page - BeRex Corporation BCP080T-70 Datasheet HTML 2Page - BeRex Corporation BCP080T-70 Datasheet HTML 3Page - BeRex Corporation BCP080T-70 Datasheet HTML 4Page - BeRex Corporation BCP080T-70 Datasheet HTML 5Page - BeRex Corporation BCP080T-70 Datasheet HTML 6Page - BeRex Corporation BCP080T-70 Datasheet HTML 7Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BCP080T-70
S-PARAMETER (Vds = 6V, Ids = 50% Idss)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1
0.86
-75.90
12.72
124.40
0.031
49.04
0.37
-48.85
2
0.73
-125.12
9.06
89.52
0.045
29.42
0.29
-74.05
3
0.66
-161.95
6.79
62.24
0.055
16.03
0.23
-90.96
4
0.63
166.59
5.34
38.46
0.063
4.50
0.18
-108.26
5
0.63
141.16
4.37
17.17
0.070
-5.18
0.16
-130.79
6
0.62
119.15
3.69
-2.76
0.078
-15.42
0.17
-150.96
7
0.61
97.38
3.25
-22.60
0.088
-26.11
0.17
-163.48
8
0.62
74.35
2.90
-42.48
0.099
-38.30
0.14
-165.32
9
0.64
53.76
2.65
-62.68
0.111
-51.60
0.07
179.06
10
0.68
30.82
2.41
-84.30
0.122
-66.91
0.08
51.04
11
0.73
8.48
2.14
-105.66
0.129
-82.82
0.19
27.25
12
0.77
-11.33
1.90
-126.13
0.134
-98.23
0.27
15.44
13
0.80
-29.36
1.72
-146.13
0.140
-113.49
0.28
-1.04
14
0.81
-49.08
1.58
-167.77
0.148
-129.95
0.28
-29.71
15
0.85
-70.34
1.40
169.89
0.150
-149.97
0.37
-60.91
16
0.89
-92.81
1.20
149.00
0.143
-167.89
0.51
-75.62
17
0.91
-114.04
1.02
132.15
0.136
178.31
0.62
-78.27
18
0.94
-128.03
0.90
117.66
0.132
164.97
0.67
-83.00
19
0.93
-132.41
0.81
102.69
0.123
149.84
0.66
-99.29
20
0.96
-133.36
0.71
83.23
0.114
134.62
0.65
-136.54
21
0.96
-136.80
0.55
62.32
0.095
115.93
0.73
-176.39
22
0.93
-156.75
0.41
45.29
0.077
101.75
0.84
175.30
23
0.91
165.99
0.35
31.62
0.071
89.54
0.90
-166.91
24
0.93
129.64
0.32
18.97
0.070
78.11
0.89
-148.46
25
0.98
108.05
0.34
2.86
0.078
63.42
0.82
-152.69
26
1.02
106.49
0.35
-22.11
0.082
43.20
0.72
162.75
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.3
NOT RECOMMENDED FOR NEW DESIGNS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com