Electronic Components Datasheet Search
  English  ▼

X  

WMSAW06D Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # WMSAW06D
Description  Universal Input Voltage of 90~264VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSAW06D Datasheet(HTML) 1 Page - Wall Industries,Inc.

  WMSAW06D Datasheet HTML 1Page - Wall Industries,Inc. WMSAW06D Datasheet HTML 2Page - Wall Industries,Inc. WMSAW06D Datasheet HTML 3Page - Wall Industries,Inc. WMSAW06D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev E
WMSAW06D SERIES
Up to 6 Watts
AC DC Wall Mount Power Supplies
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
EU Cable Type
EU USB Type
US Cable Type
US USB Type
Size: 1.52in x 0.93in x 1.65in (38.70mm x 23.70mm x 42.00mm)
OPTIONS
FEATURES
• EU or US Plug
• USB or Cable
• Case Color
• Universal Input Voltage of 90~264VAC
• Output Voltages Ranging from 5V to 24V
• Level VI Compliant
• Light Weight and Compact
• Class 2
• Short Circuit, Over Current, and Input
Protection
• FCC and cUL Safety Approvals
• RoHS Compliant
• Optional Case Color (Available in White)
APPLICATIONS
DESCRIPTION
• Phone Charger
• Portable Equipment
• Mobile Equipment
The WMSAW06D series of AC DC wall mount power supplies offers up to 6 watts of output power in a light
weight and compact package. This series consists of single output models with a universal input range of
90~264VAC and output voltages ranging from 5V to 24V. Both USB and Cable types are available in this
series, and US and EU plug types are also available. Each model in this series is protected against short
circuit, over voltage, and over current conditions and has FCC and cUL safety approvals. Please call factory
for order details.
MODEL SELECTION TABLE
Model Number(1)
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Output Power
Efficiency Level
WMSAW06D-05-500xAy
90~264VAC
(50/60Hz)
5V
500mA
30mV
2.5W
Level VI
WMSAW06D-05-1000xAy
5V
1000mA
40mV
5.0W
Level VI
WMSAW06D-05-1200xAy
5V
1200mA
50mV
6.0W
Level VI
WMSAW06D-06-300xAy
6V
300mA
90mV
1.8W
Level VI
WMSAW06D-09-300xAy
9V
300mA
90mV
2.7W
Level VI
WMSAW06D-09-670xAy
9V
670mA
70mV
4.5W
Level VI
WMSAW06D-12-500xAy
12V
500mA
50mV
6.0W
Level VI
WMSAW06D-24-125xAy
24V
125mA
50mV
3.0W
Level VI
WMSAW06D-24-250xAy
24V
250mA
50mV
6.0W
Level VI
WMSAW06D-05-500xBy
90~264VAC
(50/60Hz)
5V
500mA
30mV
2.5W
Level VI
WMSAW06D-05-1000xBy
5V
1000mA
40mV
5.0W
Level VI
WMSAW06D-05-1200xBy
5V
1200mA
50mV
6.0W
Level VI
WMSAW06D-06-300xBy
6V
300mA
90mV
1.8W
Level VI
WMSAW06D-09-300xBy
9V
300mA
90mV
2.7W
Level VI
WMSAW06D-09-670xBy
9V
670mA
70mV
4.5W
Level VI
WMSAW06D-12-500xBy
12V
500mA
50mV
6.0W
Level VI
WMSAW06D-24-125xBy
24V
125mA
50mV
3.0W
Level VI
WMSAW06D-24-250xBy
24V
250mA
50mV
6.0W
Level VI


Similar Part No. - WMSAW06D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMSAW1005-x WALL-WMSAW1005-x Datasheet
669Kb / 5P
6~15 Watts AC/DC Wall Mount Power Supplies Single Output
WMSAW1224-x WALL-WMSAW1224-x Datasheet
669Kb / 5P
6~15 Watts AC/DC Wall Mount Power Supplies Single Output
WMSAW1309-x WALL-WMSAW1309-x Datasheet
669Kb / 5P
6~15 Watts AC/DC Wall Mount Power Supplies Single Output
WMSAW14 WALL-WMSAW14 Datasheet
669Kb / 5P
6~15 Watts AC/DC Wall Mount Power Supplies Single Output
WMSAW1412-x WALL-WMSAW1412-x Datasheet
669Kb / 5P
6~15 Watts AC/DC Wall Mount Power Supplies Single Output
More results

Similar Description - WMSAW06D

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
AC Input 90-264Vac
PLSP400224001 LINKCOM-PLSP400224001 Datasheet
119Kb / 2P
AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
AC Input 90-264Vac
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
Universal AC Input 90-264Vac
logo
Arch Electronics Corp.
AFC20_SERIES ARCH-AFC20_SERIES Datasheet
520Kb / 5P
Universal Input Range 90-264VAC, 47-440 Hz
AHC-E1_SERIES ARCH-AHC-E1_SERIES Datasheet
490Kb / 5P
Universal Input Range 90-264VAC, 47-440 Hz
logo
Recom International Pow...
RAC150-G RECOM-RAC150-G Datasheet
932Kb / 8P
Universal Input 90-264VAC
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
Universal Input 90-264VAC
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
Universal Input of 85~264VAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com