Electronic Components Datasheet Search
  English  ▼

X  

WMSAW06D Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # WMSAW06D
Description  Universal Input Voltage of 90~264VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSAW06D Datasheet(HTML) 3 Page - Wall Industries,Inc.

  WMSAW06D Datasheet HTML 1Page - Wall Industries,Inc. WMSAW06D Datasheet HTML 2Page - Wall Industries,Inc. WMSAW06D Datasheet HTML 3Page - Wall Industries,Inc. WMSAW06D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev E
WMSAW06D SERIES
Up to 6 Watts
AC DC Wall Mount Power Supplies
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
MECHANICAL DRAWINGS
Packing
Packing Details: 100pcs/carton, 15kg/carton, external carton size: 47cm x 36.5cm x 19cm
MODEL NUMBER SETUP
WMSAW
06D
-
050
-
1200
x
B
y
Series Name
Output Power
Output Voltage
Output Current
Plug Type
Output Type
Case Color
06: 6 Watts
050: 5 Volts
0125: 125mA
U: USA
A: USB
B: Black
060: 6 Volts
0250: 250mA
E: EU
B: Cable
W: White
090: 9 Volts
0300: 300mA
120: 12 Volts
0500: 500mA
240: 24 Volts
0670: 670mA
1000: 1000mA
1200: 1200mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com