Electronic Components Datasheet Search
  English  ▼

X  

RCSERIES Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # RCSERIES
Description  1 Watt DC/DC Power Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RCSERIES Datasheet(HTML) 1 Page - Wall Industries,Inc.

  RCSERIES Datasheet HTML 1Page - Wall Industries,Inc. RCSERIES Datasheet HTML 2Page - Wall Industries,Inc. RCSERIES Datasheet HTML 3Page - Wall Industries,Inc. RCSERIES Datasheet HTML 4Page - Wall Industries,Inc. RCSERIES Datasheet HTML 5Page - Wall Industries,Inc. RCSERIES Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev C
RC SERIES
1 Watt DC/DC Power Converters
07/17/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
Package 1 Size: 0.60 x 0.31 x 0.29 inches
Package 2 Size: 0.60 x 0.31 x 0.33 inches
Weight: 0.06oz (1.8g)
FEATURES
• 1 Watt Output Power
• RoHS Compliant
• Unregulated Single & Dual Outputs
• High I/O Isolation: 3000VDC
• No External Components Required
• -40°C to +85°C Operating Temperature
• 22-PIN SMT Package and Industry Standard Pin-out
• High Efficiency up to 80%
• Recognized by UL60950-1
• MTBF > 3,500,000 Hours
DESCRIPTION
The RC series of 1 watt DC/DC power converters are specially designed to provide high levels of
isolation in a 22-PIN SMT package. This series consists of 50 models with nominal input voltages
of 3.3V, 5V, 9V, 12V, and 15V and standard unregulated output voltages of 3.3V, 5V, 9V, 12V,
and 15V in both single and dual output configurations. The RC series is highly suitable for high
speed SMT pick-and-place machine operation. The operating temperature range of -40°C to
+85°C is ideal for designers requiring industrial temperature operation. The RC series is RoHS
compliant and has UL60950-1 safety approvals.
SPECIFICATIONS: RC SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
3.3VDC nominal input models
2.97
3.3
3.63
VDC
5VDC nominal input models
4.5
5
5.5
9VDC nominal input models
8.1
9
9.9
12VDC nominal input models
10.8
12
13.2
15VDC nominal input models
13.5
15
16.5
Input Filter
capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Tolerance
100% full load
±5
%
Line Regulation
For Vin change of 1%
1.2
%
Load Regulation
10% to 100% full load
3.3 VDC output models
15
%
5VDC output models
12
9VDC output models
8.0
12 VDC output models
8.5
15VDC output models
7.0
Output Current
See Table
Output Power
1
W
Minimum Load
10
%
Ripple & Noise
20MHz limited bandwidth
75
mVp-p
Transient Response Setting Time
50% load step change
350
µs
PROTECTION
Short Circuit Protection
none
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Nominal input and full load
100
KHz
Isolation Voltage (Input to Output)
3000
VDC
Isolation Resistance
500VDC
1000
M
Ω
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
See derating curve
-40
+85
°C
Humidity
Non-condensing
95
% RH
Cooling
Free air convection
MTBF
MIL-HDBK-217F at 25°C, ground benign
3,500,000
hours
PHYSICAL SPECIFICATIONS
Case Material
DAP
Weight
Package 1 & Package 2
0.06oz (1.8g)
Dimensions (L x W x H)
Package 1
0.60 x 0.31 x 0.29 inches
(15.24 x 8.0 x 7.30 mm)
Package 2
0.60 x 0.31 x 0.33 inches
(15.24 x 8.0 x 8.50 mm)
SAFETY
Safety Approvals
UL60950-1
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - RCSERIES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCSE3 VISHAY-RCSE3 Datasheet
106Kb / 8P
Anti-Surge, High Power Thick Film Chip Resistors
02-Dec-15
RCSE3 VISHAY-RCSE3 Datasheet
146Kb / 10P
Anti-Surge, High Power Thick Film Chip Resistors
04-Jul-2022
RCSE3 VISHAY-RCSE3_V01 Datasheet
146Kb / 10P
Anti-Surge, High Power Thick Film Chip Resistors
04-Jul-2022
More results

Similar Description - RCSERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
1 watt dc-dc converters
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
1 watt dc-dc converters
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
1 watt dc-dc converters
logo
Wall Industries,Inc.
DCMSAU1 WALL-DCMSAU1 Datasheet
666Kb / 5P
1 Watt DC/DC Power Converters
RC12D12-42NH WALL-RC12D12-42NH Datasheet
478Kb / 5P
1 Watt DC/DC Power Converters
DCMAW1 WALL-DCMAW1 Datasheet
734Kb / 6P
1 Watt DC/DC Power Converters
DCMSAU1 WALL-DCMSAU1_18 Datasheet
666Kb / 5P
1 Watt DC/DC Power Converters
DCMSW1 WALL-DCMSW1 Datasheet
708Kb / 5P
1 Watt DC/DC Power Converters
DCSD01 WALL-DCSD01 Datasheet
530Kb / 5P
1 Watt DC/DC Power Converters
RC33S33-303NH WALL-RC33S33-303NH Datasheet
505Kb / 6P
1 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com