Electronic Components Datasheet Search
  English  ▼

X  

RCSERIES Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # RCSERIES
Description  1 Watt DC/DC Power Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RCSERIES Datasheet(HTML) 5 Page - Wall Industries,Inc.

  RCSERIES Datasheet HTML 1Page - Wall Industries,Inc. RCSERIES Datasheet HTML 2Page - Wall Industries,Inc. RCSERIES Datasheet HTML 3Page - Wall Industries,Inc. RCSERIES Datasheet HTML 4Page - Wall Industries,Inc. RCSERIES Datasheet HTML 5Page - Wall Industries,Inc. RCSERIES Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev C
RC SERIES
1 Watt DC/DC Power Converters
07/17/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 6
SOLDER DETAILS
RoHS parts can withstand IR Reflow peak temperature: 240ºC Max as the following profile.
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3ºC/second max.
Preheat
-Temperature Min (Ts min)
-Temperature Max (Ts max)
-Time (tsmin to tsmax)
150ºC
200ºC
60-180 seconds
Time Maintained Above:
-Temperatuer (TL)
-Time (tL)
217ºC
60-150 seconds
Peak/Classification Temperature (Tp)
240ºC MAX
Time within 5ºC of actual peak
Temperature (tp)
20-40 seconds
Ramp-Down Rate
6ºC/seconds max.
Time 25ºC to Peak Temperature
6 minutes max.
MODEL NUMBER SETUP
RC
15
S
15
-
67
N
H
Series Name
Input Voltage
Output Quantity
Ouptut Voltage
Output Current
Unregulated
I/O Isolation
33: 3.3 VDC
S: Single Output
33: 3.3 VDC
303: 303mA
N: Unregulated
H: 3000VDC
5: 5 VDC
5: 5 VDC
200: 200mA
9: 9 VDC
9: 9 VDC
112: 112mA
12: 12 VDC
12: 12 VDC
83: 83mA
15: 15 VDC
15: 15 VDC
67: 67mA
D: Dual Output
33: ±3.3 VDC
150: ±150mA
5: ±5 VDC
100: ±100mA
9: ±9 VDC
55: ±56mA
12: ±12 VDC
42: ±42mA
15: ±15 VDC
33: ±34mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com