Electronic Components Datasheet Search
  English  ▼

X  

HVIB Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # HVIB
Description  High Power Density
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

HVIB Datasheet(HTML) 3 Page - Wall Industries,Inc.

  HVIB Datasheet HTML 1Page - Wall Industries,Inc. HVIB Datasheet HTML 2Page - Wall Industries,Inc. HVIB Datasheet HTML 3Page - Wall Industries,Inc. HVIB Datasheet HTML 4Page - Wall Industries,Inc. HVIB Datasheet HTML 5Page - Wall Industries,Inc. HVIB Datasheet HTML 6Page - Wall Industries,Inc. HVIB Datasheet HTML 7Page - Wall Industries,Inc. HVIB Datasheet HTML 8Page - Wall Industries,Inc. HVIB Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TECHNICAL DATASHEET
In Development
HVIB Series
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/27/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 11
Figure 1: Mechanical Dimensions
Unit: inches [mm]
MODEL SELECTION TABLE
Model No.
Input Voltage Range
Output Voltage
Output Current
Output Power
HVIB300S12-500
12 VDC
41.67 A
500W
HVIB300S24-500
24 VDC
20.83 A
500W
HVIB300S28-500
28 VDC
17.86 A
500W
HVIB300S48-500
300 VDC
175 ~ 405 VDC
48 VDC
10.42 A
500W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com