Electronic Components Datasheet Search
  English  ▼

X  

HVIB Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # HVIB
Description  High Power Density
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

HVIB Datasheet(HTML) 6 Page - Wall Industries,Inc.

Back Button HVIB Datasheet HTML 2Page - Wall Industries,Inc. HVIB Datasheet HTML 3Page - Wall Industries,Inc. HVIB Datasheet HTML 4Page - Wall Industries,Inc. HVIB Datasheet HTML 5Page - Wall Industries,Inc. HVIB Datasheet HTML 6Page - Wall Industries,Inc. HVIB Datasheet HTML 7Page - Wall Industries,Inc. HVIB Datasheet HTML 8Page - Wall Industries,Inc. HVIB Datasheet HTML 9Page - Wall Industries,Inc. HVIB Datasheet HTML 10Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TECHNICAL DATASHEET
In Development
HVIB Series
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/27/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 6 of 11
Output Voltage Trim
The following information is provided to allow quick calculation of the trim resistor value for a desired output
voltage. The general procedure for calculating a trim resistor is as follows:
1. Determine the desired output voltage deviation %.
2. To trim down, solve for resistor value using the “Rtlow” equation.
3. To trim up, solve for resistor value using the “Rthi” equation.
4.
Solved resistor values are in K ohms.
Notes:
1. Maximum trim range is ±10%. This includes remote sense drops if applicable.
2. Output current is limited to specified current when trimming down.
3. Output power is limited to specified power when trimming up.
4. Trim resistors should be placed close to the module.
5.
If the trim function is not used, it is advised to leave the trim pin floating / not connected.
2
.
10
%
510
Rtlow


2
.
10
%
510
%
2225
.
1
%)
100
(
o
V
1
.
5
Rthi
Figure 3
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com