Electronic Components Datasheet Search
  English  ▼

X  

PSAFC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAFC
Description  Isolation Class II
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAFC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAFC Datasheet HTML 1Page - Wall Industries,Inc. PSAFC Datasheet HTML 2Page - Wall Industries,Inc. PSAFC Datasheet HTML 3Page - Wall Industries,Inc. PSAFC Datasheet HTML 4Page - Wall Industries,Inc. PSAFC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc.
Rev B
PSAFC SERIES
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
09/03/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
• Isolation Class II
• RoHS Compliant
• 10 Watts Output Power
• Regulated Single Outputs
• Low Ripple & Noise
• MTBF > 330,000 Hours
• Fully Encapsulated Plastic Case
• PCB Mountable Switching Power Supply
• -25°C to +70°C Operating Temperature Range
• Optional -40°C~+70°C Operating Temperature Range
• Universal Input Range: 90-264VAC (120-370VDC)
• Short Circuit, Over Power, & Over Voltage Protection
• UL/cUL, CE, and CB Safety Approvals
• Two Screw Terminal Mechanical Options Available
DESCRIPTION
Size:
Weight:
2.06 x 1.07 x 0.93 inches
1.8oz (51g)
52.4 x 27.2 x 23.5 mm
The PSAFC series of AC/DC switching power supplies provides 10 Watts of output power in a
2.06” x 1.07” x 0.93” encapsulated PCB mountable package. This series consists of single
output models with a universal input range of 90-264VAC (120-370VDC). Some features
include low ripple and noise, -25°C to +70°C operating temperature range, and over power,
over voltage, and short circuit protection. The PSAFC series also has two types of screw
terminal mechanical options and an extended operating temperature option available. All
models are RoHS compliant and have UL/cUL, CB, and CE safety approvals.
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage Range
Output Voltage
Min Load
Max Load
Output Power
Efficiency
Maximum
Capacitive Load
PSAFC-3.3S
3.3 VDC
0%
2500mA
8.25W
74%
75,000µF
PSAFC-5S
5 VDC
0%
2000mA
10W
79%
40,000μF
PSAFC-12S
12 VDC
0%
833mA
10W
82%
8500μF
PSAFC-15S
15 VDC
0%
667mA
10W
78%
3500μF
PSAFC-24S
90~264 VAC
(120~370 VDC)
24 VDC
0%
417mA
10W
80%
1200μF
NOTES
1. For -40°C to +70°C extended operating temperature range please add the suffix –E1 to the model number (Ex: PSAFC-12S-E1).
2. Screw terminal mechanical options available (see page 4). Please call factory for ordering details.
MODEL NUMBER SETUP
PSAFC -
12
S
-
E1
A2
Series Name
Output Voltage
Output Quantity
Operating Temperature Options
Screw Terminal Options
3.3:
3.3 VDC
S:
Single Output
None:
-25°C to +70°C Operating Temp.
None:
Encapsulated PCB Mount
5:
5 VDC
E1:
-40°C to +70°C Operating Temp.
A2:
See page 4
12:
12 VDC
A5:
See page 4
15:
15 VDC
24:
24 VDC


Similar Part No. - PSAFC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAFC WALL-PSAFC Datasheet
159Kb / 3P
10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAFC-12S WALL-PSAFC-12S Datasheet
159Kb / 3P
10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAFC-15S WALL-PSAFC-15S Datasheet
159Kb / 3P
10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAFC-24S WALL-PSAFC-24S Datasheet
159Kb / 3P
10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAFC-3.3S WALL-PSAFC-3.3S Datasheet
159Kb / 3P
10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
More results

Similar Description - PSAFC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
Class II Ceramic Disc Capacitors
logo
Illinois Capacitor, Inc...
101GHR102K ILLINOISCAPACITOR-101GHR102K Datasheet
352Kb / 1P
85C Class II Ceramic Disc Capacitors
logo
Laird Tech Smart Techno...
BTM46X LSTD-BTM46X Datasheet
228Kb / 2P
Enhanced Class II Bluetooth Data Module
logo
Delta Electronics, Inc.
DRC-5V10W1AZ DELTA-DRC-5V10W1AZ Datasheet
757Kb / 10P
Protection Class II, Double Isolation
DRC-12V10W1AX DELTA-DRC-12V10W1AX Datasheet
766Kb / 10P
Protection Class II, Double Isolation
DRC-12V30W1AX DELTA-DRC-12V30W1AX Datasheet
943Kb / 10P
Protection Class II, Double Isolation
DRC-24V100W1AX DELTA-DRC-24V100W1AX Datasheet
990Kb / 11P
Protection Class II, Double Isolation
logo
Inventronics Inc.
EUD-150SXXXDDA INVENTRONICS-EUD-150SXXXDDA Datasheet
1Mb / 11P
150W Class II Programmable IP67 Driver
Rev.C
EUD-100SXXXDD INVENTRONICS-EUD-100SXXXDD Datasheet
1Mb / 11P
100W Class II Programmable IP67 Driver
Rev.C
EUD-200SXXXDD INVENTRONICS-EUD-200SXXXDD Datasheet
1Mb / 12P
200W Class II Programmable IP67 Driver
Rev. F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com