Electronic Components Datasheet Search
  English  ▼

X  

PSAFC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAFC
Description  Isolation Class II
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAFC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAFC Datasheet HTML 1Page - Wall Industries,Inc. PSAFC Datasheet HTML 2Page - Wall Industries,Inc. PSAFC Datasheet HTML 3Page - Wall Industries,Inc. PSAFC Datasheet HTML 4Page - Wall Industries,Inc. PSAFC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc.
Rev B
PSAFC SERIES
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
09/03/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
BLOCK DIAGRAM
O.C.P.
DETECT
+V
-V
L
N
DERATING CURVES
Standard Models
“-E1” Suffix Models
0
20
40
60
80
100
120
-25
-20
0
20
40
60
70 80
100
Ambient Temperature (°C)
50
25%
0
20
40
60
80
100
120
-40
-20
0
20
40
60 70 80
100
Ambient Temperature (°C)
50
25%
MECHANICAL DRAWING
0.31 (8.0)
0.93 (23.50)
0.04 (1.0)
M3x0.5
3
4
1
2
2.06 (52.40)
1.8 (45.72)
2.04±0.15 (51.8±0.006)
1.80 (45.72)
0.15 (3.8)
0.04 (1.05)
Ø0.16 (Ø4.0)
TOP VIEW
BOTTOM VIEW
0.54 (13.65)
0.16 (4.0)
M3x0.5
Maximum Torque 12 (1.21) [kgf.cm (N.m)]
Tolerance: ±0.02” (±0.5mm)
NOTES
1. Unit: inches (mm)
2. Weight: 1.8oz (51g)
3. Screw terminal options are available (see page 4)
4. All dimensions are for reference only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com