Electronic Components Datasheet Search
  English  ▼

X  

SFH2716 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH2716
Description  Very small SMT package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2716 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH2716 Datasheet HTML 1Page - OSRAM GmbH SFH2716 Datasheet HTML 2Page - OSRAM GmbH SFH2716 Datasheet HTML 3Page - OSRAM GmbH SFH2716 Datasheet HTML 4Page - OSRAM GmbH SFH2716 Datasheet HTML 5Page - OSRAM GmbH SFH2716 Datasheet HTML 6Page - OSRAM GmbH SFH2716 Datasheet HTML 7Page - OSRAM GmbH SFH2716 Datasheet HTML 8Page - OSRAM GmbH SFH2716 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2017-11-08
1
2017-11-08
Silicon PN Photodiode with V
λ Characteristics
Version 1.1
SFH 2716
Ordering Information
Features:
•
Very small SMT package
•
SMT package 0805, colorless clear resin, 2 mm x 1.25 mm x 0.8 mm
•
Special: Adapted to human eye sensitivity (V
λ)
•
Spectral range of sensitivity: (typ) 350 ... 1000 nm
Applications
•
For control and drive circuits
•
Ambient light detector
•
Exposure meter for daylight and artificial light
•
Sensor for backlight-dimming
Type:
Photocurrent
Ordering Code
IP [µA]
V
CE = 5 V, white LED 1000 lx
SFH 2716
0.57 (≥0.4)
Q65112A0955


Similar Part No. - SFH2716

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2716A01 OSRAM-SFH2716A01 Datasheet
830Kb / 16P
Ambient Light Sensors
More results

Similar Description - SFH2716

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54XY PHILIPS-BAT54XY Datasheet
51Kb / 9P
Schottky barrier quadruple diode in very small SOT363 package
Rev. 01-17 January 2005
logo
JMK Inc.
MF-0637A-50BR JMK-MF-0637A-50BR Datasheet
36Kb / 1P
This EMI / RFI filter features a very small mechanical package.
logo
CML Microcircuits
CMX973 CMLMICRO-CMX973 Datasheet
862Kb / 4P
Very small 32-lead Package
logo
Nanjing International G...
BAV70 DGNJDZ-BAV70 Datasheet
92Kb / 2P
Small package
logo
Texas Instruments
PT78ST100 TI1-PT78ST100_14 Datasheet
496Kb / 5P
Very Small Footprint
logo
Sangdest Microelectroni...
ST30100DJF SMC-ST30100DJF Datasheet
131Kb / 4P
Very small conduction losses
logo
Shanghai Semitech Semic...
SMF05C SEMITECH-SMF05C Datasheet
134Kb / 3P
Small SOT-363 SMT Package
logo
OSRAM GmbH
GWDASPA2.EC OSRAM-GWDASPA2.EC Datasheet
1Mb / 25P
SMT package
GD-DASPA2.14 OSRAM-GD-DASPA2.14 Datasheet
1Mb / 21P
SMT package
GW-DASPA2.EC OSRAM-GW-DASPA2.EC Datasheet
1Mb / 25P
SMT package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com