Electronic Components Datasheet Search
  English  ▼

X  

SFH2716 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH2716
Description  Very small SMT package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2716 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH2716 Datasheet HTML 1Page - OSRAM GmbH SFH2716 Datasheet HTML 2Page - OSRAM GmbH SFH2716 Datasheet HTML 3Page - OSRAM GmbH SFH2716 Datasheet HTML 4Page - OSRAM GmbH SFH2716 Datasheet HTML 5Page - OSRAM GmbH SFH2716 Datasheet HTML 6Page - OSRAM GmbH SFH2716 Datasheet HTML 7Page - OSRAM GmbH SFH2716 Datasheet HTML 8Page - OSRAM GmbH SFH2716 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Version 1.1
SFH 2716
2017-11-08
3
Relative Spectral Sensitivity 1) page 11
Srel = f(λ)
Dark Current 1) page 11
IR = f(VR), E = 0
Capacitance 1) page 11
C = f(VR), f = 1 MHz, E = 0
SFH 2716
400
600
800
1000
λ [
nm]
0
20
40
60
80
100
Srel [%]
SFH 2716
2
4
6
8
10 12 14 16
VR [V]
1
5
10
50
IR [pA]
SFH 2716
10-3
0.01
0.1
1
VR [V]
14
16
18
20
22
C [pF]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com