Electronic Components Datasheet Search
  English  ▼

X  

SFH9245 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH9245
Description  Reflective Interrupter with Schmitt-Trigger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9245 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH9245 Datasheet HTML 3Page - OSRAM GmbH SFH9245 Datasheet HTML 4Page - OSRAM GmbH SFH9245 Datasheet HTML 5Page - OSRAM GmbH SFH9245 Datasheet HTML 6Page - OSRAM GmbH SFH9245 Datasheet HTML 7Page - OSRAM GmbH SFH9245 Datasheet HTML 8Page - OSRAM GmbH SFH9245 Datasheet HTML 9Page - OSRAM GmbH SFH9245 Datasheet HTML 10Page - OSRAM GmbH SFH9245 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Version 1.1
SFH 9245
2013-11-05
7
Threshold Current vs. Distance 2) page13
Schwellstrom vs. Entfernung 2) Seite 13
IF = f(d), TA = 25°C
Relative Threshold 2) page 13
Relative Schwelle 2) Seite 13
Ee,on / Ee,on Vcc=5V = f(VCC), TA = 25°C
Current Consumption 2) page 13
Stromaufnahme 2) Seite 13
ICC = f(VCC), TA = 25°C
Output Voltage 2) page 13
Ausgangsspannung 2) Seite 13
VOL = f(IOUT, VCC), TA = 25°C
OHF05613
F
I
0
0
d
1
2
3
45
6
7
mm 10
mA
8
1
2
3
4
5
6
7
8
9
10
12
F, ON
I
F, OFF
I
OHF00507
0.5
0
5
10
15
20
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.5
V
E
V
CC
e, ON
Ee, ON_5 V
OHF00510
0
0
5
10
15
20
V
1
2
3
4
mA
6
CC
I
V
CC
OHF00512
0
010
20
30
40
50
mA
5 V
OUT
I
0.5
1
1.5
2
2.5
3
3.5
OL
V
V
10 V
15 V
20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com