Electronic Components Datasheet Search
  English  ▼

X  

SFH9245 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH9245
Description  Reflective Interrupter with Schmitt-Trigger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9245 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH9245 Datasheet HTML 1Page - OSRAM GmbH SFH9245 Datasheet HTML 2Page - OSRAM GmbH SFH9245 Datasheet HTML 3Page - OSRAM GmbH SFH9245 Datasheet HTML 4Page - OSRAM GmbH SFH9245 Datasheet HTML 5Page - OSRAM GmbH SFH9245 Datasheet HTML 6Page - OSRAM GmbH SFH9245 Datasheet HTML 7Page - OSRAM GmbH SFH9245 Datasheet HTML 8Page - OSRAM GmbH SFH9245 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2013-11-05
1
2013-11-05
Reflective Interrupter with Schmitt-Trigger
Reflexlichtschranke mit Schmitt-Trigger
Version 1.1
SFH 9245
Ordering Information
Bestellinformation
Features:
Besondere Merkmale:
• 940nm emitter in combination with a
Schmitt-Trigger IC
• 940nm Emitter in Kombination mit einem
Schmitt-Trigger IC
• Output: active "low"
• Ausgang: aktiv "low"
• Daylight cut-off filter
• Tageslichtsperrfilter
• Threshold current: typ. 1 mA
• Einschaltstrom: typ. 1 mA
• Emitter and detector electrically isolated
• Sender und Empfänger galvanisch getrennt
• Preconditioning acc. to JEDEC Level 4
• Vorbehandlung nach JEDEC Level 4
Applications
Anwendungen
• Optical threshold switch
• Optischer Schalter
• Pulse former
• Pulsformer
•Counter
• Zähler
Type:
Threshold current
Ordering Code
Typ:
Schaltschwelle
Bestellnummer
Kodak neutral white testcard
with 90% reflection; VCC = 5 V,
d = 1 mm
IF,on [mA]
SFH 9245
1 ( 5)
Q65111A3174


Similar Part No. - SFH9245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SFH9240 FAIRCHILD-SFH9240 Datasheet
207Kb / 7P
Advanced Power MOSFET
logo
OSRAM GmbH
SFH9240 OSRAM-SFH9240 Datasheet
301Kb / 10P
Reflective Interrupter with Schmitt-Trigger
logo
Fairchild Semiconductor
SFH9244 FAIRCHILD-SFH9244 Datasheet
206Kb / 7P
Advanced Power MOSFET
More results

Similar Description - SFH9245

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9340 OSRAM-SFH9340 Datasheet
70Kb / 8P
Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
logo
List of Unclassifed Man...
H21L1 ETC-H21L1 Datasheet
88Kb / 3P
ISO - LOGIC INVERTER SCHMITT TRIGGER INTERRUPTER SWITCH
TCSS111 ETC1-TCSS111 Datasheet
300Kb / 6P
Optoelectronic Interrupter with Schmitt-Trigger Output Logic
logo
Everlight Electronics C...
ITR9907 EVERLIGHT-ITR9907 Datasheet
274Kb / 8P
Reflective Interrupter
logo
OSRAM GmbH
SFH9240 OSRAM-SFH9240 Datasheet
301Kb / 10P
Reflective Interrupter with Schmitt-Trigger
SFH9206 OSRAM-SFH9206 Datasheet
482Kb / 15P
Reflective Interrupter
SFH-9201 OSRAM-SFH-9201 Datasheet
288Kb / 15P
Reflective Interrupter
SFH-9206 OSRAM-SFH-9206 Datasheet
482Kb / 15P
Reflective Interrupter
SFH-9245 OSRAM-SFH-9245 Datasheet
195Kb / 14P
Reflective Interrupter with Schmitt-Trigger
SFH-9202 OSRAM-SFH-9202 Datasheet
297Kb / 15P
Reflective Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com