Electronic Components Datasheet Search
  English  ▼

X  

MP8843GG Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8843GG
Description  6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8843GG Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8843GG Datasheet HTML 12Page - Monolithic Power Systems MP8843GG Datasheet HTML 13Page - Monolithic Power Systems MP8843GG Datasheet HTML 14Page - Monolithic Power Systems MP8843GG Datasheet HTML 15Page - Monolithic Power Systems MP8843GG Datasheet HTML 16Page - Monolithic Power Systems MP8843GG Datasheet HTML 17Page - Monolithic Power Systems MP8843GG Datasheet HTML 18Page - Monolithic Power Systems MP8843GG Datasheet HTML 19Page - Monolithic Power Systems MP8843GG Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP8843 – 6V, 3A, SYNCHRONOUS, STEP-DOWN SWITCHER WITH I
2C INTERFACE
MP8843 Rev. 1.0
www.MonolithicPower.com
16
7/15/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP8843 is a low-voltage, 3A, synchronous,
step-down converter with a controllable I2C
interface. The MP8843 uses constant-on-time
(COT) control with input voltage feed-forward to
stabilize the switching frequency over the entire
input range. Because it does not require
compensation, it has a simple design procedure.
The MP8843 integrates an I2C-compatible
interface that allows transfers up to 3.4Mbps.
This communication interface can scale the
voltage dynamically with voltage steps as small
as 3.9mV with an output voltage range of 0.6V to
1.1V. The interface can also control the voltage
transition slew rate.
Constant-on-Time (COT) Control
Compared to the fixed-frequency PWM control,
COT control simplifies the control loop and
speeds up the transient response. The MP8843
uses input voltage feed-forward to maintain a
nearly constant switching frequency across the
input and output voltage ranges. The switching
pulse on time can be estimated with Equation (1):
OUT
ON
IN
sw
V
1
Vf

(1)
To prevent inductor current runaway during the
load transient, the MP8843 has a fixed minimum
off time of 90ns. This minimum off time does not
affect steady-state operation in any way.
Light-Load Operation
Under light-load conditions, the MP8843’s I2C
interface uses power save mode. When the
MODE bit is “0,” the MP8843 enters power save
mode and uses a proprietary control scheme to
save power and improve efficiency. The MP8843
turns off the low-side switch when the inductor
current begins to reverse. Then the MP8843
works in discontinuous conduction mode (DCM).
Enable (EN)
When the input voltage exceeds the under-
voltage lockout (UVLO) threshold (typically
2.35V), the MP8843 can be enabled by pulling
EN above 1.2V. Leave EN floating or pull EN
down to ground to disable the MP8843. There is
an internal 1MΩ resistor from EN to ground.
Soft Start (SS)
The MP8843 has a built-in soft start (SS) that
ramps up the output voltage at a controlled slew
rate to prevent an overshoot at start-up. The
soft-start time is about 1ms, typically, when
VOUT is 0.9V.
Power Good (PG) Indictor
The MP8843 uses an open drain for the power
good (PG) indicator. When PG is able to detect
both the positive and negative excursion of VOUT
from the reference, PG is pulled up to VIN by
the external resistor when the OUT voltage is
within 85%~115% of the regulation voltage.
Otherwise, the internal MOSFET pulls PG to
ground. If PG is only able to detect a negative
voltage excursion of VOUT from the reference,
PG is pulled up to VIN when the OUT voltage is
higher than 115% of regulation voltage. The
MOSFET has a maximum RDS(ON) of less than
200Ω.
Current Limit
The MP8843 has a 4.8A high-side switch
current limit. When the high-side switch reaches
its current limit, the MP8843 turns off the high-
side switch until the low-side current drops to
3.8A. This prevents the inductor current from
continuing to rise and damaging components. If
the over-current status is continuous, the output
voltage falls and may trigger short-circuit
protection.
Short Circuit
The MP8843 monitors the output voltage
through OUT to detect an under-voltage
condition. The MP8843 enters a latch-off
protection mode when an output short occurs.
Only an EN or VIN restart can turn the MP8843
on again.
I
2C Interface
The MP8843 can communicate with the core
via the I2C for smart design. The GUI control
interface is shown in Figure 2. The installation
process and usage can be found in the MP8843
software guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com