Electronic Components Datasheet Search
  English  ▼

X  

MP8843GG Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8843GG
Description  6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8843GG Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8843GG Datasheet HTML 2Page - Monolithic Power Systems MP8843GG Datasheet HTML 3Page - Monolithic Power Systems MP8843GG Datasheet HTML 4Page - Monolithic Power Systems MP8843GG Datasheet HTML 5Page - Monolithic Power Systems MP8843GG Datasheet HTML 6Page - Monolithic Power Systems MP8843GG Datasheet HTML 7Page - Monolithic Power Systems MP8843GG Datasheet HTML 8Page - Monolithic Power Systems MP8843GG Datasheet HTML 9Page - Monolithic Power Systems MP8843GG Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MP8843 – 6V, 3A, SYNCHRONOUS, STEP-DOWN SWITCHER WITH I
2C INTERFACE
MP8843 Rev. 1.0
www.MonolithicPower.com
6
7/15/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
I
2C PORT SIGNAL CHARACTERISTICS
Parameter
Symbol
Condition
Cb = 100pF
Cb = 400pF
Units
Min
Max
Min
Max
SCLH and SCL clock
frequency
fSCL
0
3.4
0
0.4
MHz
Set-up time for repeated
start condition
τSU;STA
160
-
600
-
ns
Hold time for repeated start
condition
τHD;STA
160
-
600
-
ns
SCL clock low period
τLOW
160
-
1300
-
ns
SCL clock high period
τHIGH
60
-
600
-
ns
Data set-up time
τSU:DAT
10
-
100
-
ns
Data hold time
τHD;DAT
0
70
0
-
ns
SCLH signal rise time
τrCL
10
40
20
x0.1Cb
300
ns
SCLH signal rise time after a
repeated start condition and
an acknowledge bit
τrCL1
10
80
20
x0.1Cb
300
ns
SCLH signal fall time
τfCL
10
40
20
x0.1Cb
300
ns
SDAH signal rise time
τfDA
10
80
20
x0.1Cb
300
ns
SDAH signal fall time
τfDA
10
80
20
x0.1Cb
300
ns
Stop condition set-up time
τSU;STO
160
-
600
-
ns
Bus free time between stop
and start condition
τBUF
160
-
1300
-
ns
Data valid time
τVD;DAT
-
16
-
90
ns
Data valid acknowledge time
τVD;ACK
-
160
-
900
ns
Bus line capacitive load
Cb
SDAH and SCLH line
-
100
-
400
pF
SDAH + SDA line
and SCLH + SCL line
-
400
-
400
pF
Low-level noise margin
VnL
For each connected
device
-
0.1VCC
0.1VCC
-
V
High-level noise margin
VnH
For each connected
device
-
0.2VCC
0.2VCC
-
V
NOTE:
Vcc is the I
2C bus voltage, 1.5V to 2.5V range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com