Electronic Components Datasheet Search
  English  ▼

X  

MP8845 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8845
Description  5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8845 Datasheet HTML 13Page - Monolithic Power Systems MP8845 Datasheet HTML 14Page - Monolithic Power Systems MP8845 Datasheet HTML 15Page - Monolithic Power Systems MP8845 Datasheet HTML 16Page - Monolithic Power Systems MP8845 Datasheet HTML 17Page - Monolithic Power Systems MP8845 Datasheet HTML 18Page - Monolithic Power Systems MP8845 Datasheet HTML 19Page - Monolithic Power Systems MP8845 Datasheet HTML 20Page - Monolithic Power Systems MP8845 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MP8845
– 5A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I2C
MP8845 Rev. 1.1
www.MonolithicPower.com
17
2/23/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP8845 is a low-voltage, 5A, synchronous,
step-down converter with a controllable I
2C
interface. The MP8845 applies MPS
’s patented
fixed-frequency hysteretic control to utilize fast
transient response of the hysteretic control and
keep the switching frequency constant. No
compensation is required, which simplifies the
design procedure.
The
MP8845
integrates
an
I
2C-compatible
interface that allows transfers up to 3.4Mbps.
This communication interface can be used for
dynamic voltage scaling with voltage steps down
to 3.9mV with the output voltage from 0.6V to
1.1V. The voltage transition slew rate can be
controlled as well.
Fixed-Frequency Hysteretic Control
Compare
to
fixed-frequency
PWM
control,
hysteretic control offers the advantage of a
simpler
control
loop
and
faster
transient
response. By using an internal phase-lock loop,
the MP8845 maintains an optimal constant
switching frequency across the input and output
voltage ranges.
To prevent inductor current runaway during the
load transient, the MP8845 fixes the minimum off
time at 100ns. This minimum off time limit does
not affect operation of the MP8845 in steady
state in any way.
Light-Load Operation
In light load condition, the MP8845 uses a
proprietary control scheme to save power and
improve efficiency. The MP8845 turns off the
low-side switch when the inductor current begins
reversing.
The
MP8845
then
works
in
discontinuous conduction mode (DCM) operation.
Enable (EN)
When the input voltage is greater than the
under-voltage
lockout
threshold
(UVLO)
(typically
2.55V),
the
MP8845
is
enabled
automatically. Pull EN down to ground to disable
the MP8845. There is an internal 1M
Ω resistor
from EN to VIN.
Soft Start (SS)
The MP8845 has a built-in soft start (SS) that
ramps up the output voltage with a controlled
slew rate, avoiding start-up inrush current and
output voltage overshoot. The soft-start time is
about 1.5ms.
Power Good (PG) Indicator
The MP8845 has an open-drain output for the
power good indicator (PG). When the output
voltage is within ±10% of the regulation voltage,
PG is pulled up to VIN by the external resistor.
Current Limit
The MP8845 has a typical 7.5A current limit for
the high-side switch. When the high-side switch
reaches the current limit, the MP8845 expands
the minimum off time until the current drops to
6.5A. Then the high-side switch is turned on for
the next switching cycle. This prevents the
inductor current from continuing to build up and
damaging the components.
Thermal Protection
The MP8845 employs thermal shutdown by
monitoring the junction temperature of the IC
internally. If the junction temperature exceeds
the thermal warning threshold (around 130°C),
OTW is set. If there is no action from the
system, the junction temperature continues
rising until it exceeds the thermal shutdown
threshold
(150°C
typically).
After
thermal
shutdown, a new power start-up cycle is
needed to turn on the MP8845 again.
I
2C Interface
The MP8845 can communicate with the core
with I
2C for smart design. MPS has a GUI
control (see Figure 2). The installation process
and usage guidelines can be found in the
MP8845 Software Guide.
I
2C Address
The I
2C slave address of the MP8845 is
0xC0H/0xC1H
internally
(see
Table
2).
If
another
slave
address
is
needed,
please
contact the factory.
Table 2: I
2C Slave Address
Hex
A7
A6
A5
A4
A3
A2
A1
A0
W 0xC0
R 0XC1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
R/
W
Address
0x60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com