Electronic Components Datasheet Search
  English  ▼

X  

MP8845 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8845
Description  5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8845 Datasheet HTML 1Page - Monolithic Power Systems MP8845 Datasheet HTML 2Page - Monolithic Power Systems MP8845 Datasheet HTML 3Page - Monolithic Power Systems MP8845 Datasheet HTML 4Page - Monolithic Power Systems MP8845 Datasheet HTML 5Page - Monolithic Power Systems MP8845 Datasheet HTML 6Page - Monolithic Power Systems MP8845 Datasheet HTML 7Page - Monolithic Power Systems MP8845 Datasheet HTML 8Page - Monolithic Power Systems MP8845 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP8845
5A, Highly Efficient, Synchronous,
Step-Down Switcher with I
2C Interface
MP8845 Rev. 1.1
www.MonolithicPower.com
1
2/23/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The
MP8845
is
a
highly
integrated,
high-
frequency, synchronous, step-down switcher with
an I
2C control interface. The MP8845 can support
up to 5A of load current over a 2.7V to 6V input
supply
range
with
excellent
load
and
line
regulation.
Fixed-frequency hysteretic control mode provides
an extremely fast transient response without loop
compensation to achieve high efficiency easily
under light-load conditions.
The output voltage level can be controlled on-
the-fly through a 3.4Mbps I
2C serial interface.
The voltage range can be adjusted from 0.6V to
1.1V in 3.9mV steps.
The voltage slew rate,
switching frequency, and power-saving modes
are also selectable through the I
2C interface.
Full protection features include internal soft start,
over-current
protection
(OCP),
and
over-
temperature protection (OTP).
The MP8845 requires a minimum number of
readily available, standard, external components
and is available in
a compact WLCSP-20
(1.6mmx2mm) package.
FEATURES
 2.7V to 6V Input Voltage Range
 Up to 5A Load Current
 Internal 28mΩ High-Side and 17mΩ Low-
Side Power MOSFETs
 Fixed-Frequency Hysteretic Mode Control
 I2C-Compatible Interface up to 3.4Mbps
 I2C-Programmable Output Range from 0.6V
to 1.1V in 3.9mV Steps
 Factory Adjustable Switching Frequency from
1MHz to 2.2MHz
 I2C-Programmable Voltage Transition Slew
Rate
 Power-Saving Mode Selectable via I2C
 Internal Soft Start
 Power Good Indicator
 Current Overload and Thermal Shutdown
Protection
 Available in 20-Ball WLCSP-20 (1.6mmx2mm)
Package
APPLICATIONS
 Processor Core Supply
 Micro Converter
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8845
GND
SCL
VIN
SDA
VIN
VO
AGND
SW
VOUT
2.7V ~ 6V
L1
0.47µH
0.6V ~1.1V
I2C Bus
Up to 3.4Mbps
EN
EN
PG
R1
100k
{
22µF 0.1µF
C2B
C2A
µF
47
µF
47
C1A
C1B


Similar Part No. - MP8845

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8845C MPS-MP8845C Datasheet
483Kb / 20P
5A High Efficient Synchronous Step-Down Switchers with I2C Interface
MP8845CGC MPS-MP8845CGC Datasheet
483Kb / 20P
5A High Efficient Synchronous Step-Down Switchers with I2C Interface
MP8845GC MPS-MP8845GC Datasheet
392Kb / 6P
5A High Efficient Synchronous Step-Down Switcher with I2C Interface
More results

Similar Description - MP8845

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
MP8845C MPS-MP8845C Datasheet
483Kb / 20P
5A High Efficient Synchronous Step-Down Switchers with I2C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
logo
Linear Technology
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
logo
Monolithic Power System...
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
5A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8847-D-00A MPS-EV8847-D-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8865-Q-00A MPS-EV8865-Q-00A Datasheet
458Kb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com