Electronic Components Datasheet Search
  English  ▼

X  

MP8845CGC Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8845CGC
Description  5A High Efficient Synchronous Step-Down Switchers with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845CGC Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8845CGC Datasheet HTML 12Page - Monolithic Power Systems MP8845CGC Datasheet HTML 13Page - Monolithic Power Systems MP8845CGC Datasheet HTML 14Page - Monolithic Power Systems MP8845CGC Datasheet HTML 15Page - Monolithic Power Systems MP8845CGC Datasheet HTML 16Page - Monolithic Power Systems MP8845CGC Datasheet HTML 17Page - Monolithic Power Systems MP8845CGC Datasheet HTML 18Page - Monolithic Power Systems MP8845CGC Datasheet HTML 19Page - Monolithic Power Systems MP8845CGC Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP8845C – 5A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
MP8845C Rev. 1.02
www.MonolithicPower.com
16
4/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
I2C INTERFACE
MP8845C can communicate with core with I2C
for smart design. MPS has a GUI control
Interface is shown in figure 2. Its install process
and usage can be found in another document
“MP8845 Software Guide”.
I
2C ADDRESS
The I2C slave address of MP8845C is 0x38H /
0x39H internally. If need other slave address,
please contact with factory.
Table 2—I
2C Slave Address
Hex
A7
A6 A5 A4 A3 A2 A1 A0
W 0x38
R 0x39
0
0
1
1
1
0
0
R/W
Address
0x1C
I
2C ENABLE
Except MP8845C EN pin can start up and
shutdown the convertor, the I2C Enable can also
control the convertor. Reg00 VSEL D7 bit is I2C
controlled enable. When writing D7=0, the
convertor is off. When writing D7=1, the
convertor is on. Both external EN and I2C EN
can control the converter. Only when both EN is
high, the converter works.
OUTPUT VOLTAGE SELECT
MP8845C output voltage is I2C programmable.
There is no need to set feedback resistors to get
different output voltage. The default output
voltage is 1.1V, but it can be set from 0.6V to
1.45V in 6.69mV Steps by I2C. The process of
change output voltage is:
1. Write Go bit (Reg02 Syscntlreg2 [D5]) to 1.
This action means output voltage can be set
another value which is not default Vo voltage;
2.
Write Output reference bit (Reg00 VSEL
[D6 : D0]). The output voltage can be
changed refer to Table 1. Output Voltage
Chart.
SWITCHING FREQUENCY
The default switching frequency of MP8845C is
2.2MHz; however the frequency can also be
changed based on the application. By writing
Switching frequency bits (Reg01 SysCntlreg1
[D7:D5],
switching
frequency
can
be
programmed for one of six possible value. Their
corresponding data can be found in Table 1.
Reg01.
PGOOD CONFIGURE
MP8845C has an option to uses PG_LOHI
function. This function can be wrote Pglohi bit
(Reg01 Syscntlreg1 [D2]). The default value is 1,
“PGOOD” will sense both a positive and negative
excursion of Vo from the reference. If writing this
bit to 0, “PGOOD” only sense a negative voltage
excursion of Vo from the reference.
INPUT OVER VOLTAGE PROTECTION
MP8845C has an option to uses VIN_OVP
function. This function can be wrote Vinovp bit
(Reg01 Syscntlreg1 [D1]). The default value is 0,
VIN OVP function is enabled. When Vin voltage
is higher than 6.1V, the converter will be disabled.
After Vin voltage recover to 5.8V, the converter
will re-start. If Vinovp bit is set to 1, the Vin OVP
will be disable. It will not stop converter even Vin
voltage excess its safe range.
FORCED CCM
The MP8845C has auto PFM mode and forced
CCM. This function can be wrote Mode bit
(Reg01 Syscntlreg1 [D0]). The default value is 0,
auto PFM mode is selected. Consider smaller Vo
ripple and regulation for full load range, forced
CCM mode is recommended. Set this bit to 1 will
disable the PFM mode.
OUTPUT DISCHARGE
MP8845C has output discharge function. Write
Out-dis bit (Reg02 SysCntlreg2 [D4]) can change
the output discharge mode. The default value is 0
and just discharge the Vo by its load when EN is
low. Writing D4=1 can enable the function, and
then the output voltage can be discharged by
internal pull down resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com