Electronic Components Datasheet Search
  English  ▼

X  

MP8845CGC Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8845CGC
Description  5A High Efficient Synchronous Step-Down Switchers with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845CGC Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8845CGC Datasheet HTML 7Page - Monolithic Power Systems MP8845CGC Datasheet HTML 8Page - Monolithic Power Systems MP8845CGC Datasheet HTML 9Page - Monolithic Power Systems MP8845CGC Datasheet HTML 10Page - Monolithic Power Systems MP8845CGC Datasheet HTML 11Page - Monolithic Power Systems MP8845CGC Datasheet HTML 12Page - Monolithic Power Systems MP8845CGC Datasheet HTML 13Page - Monolithic Power Systems MP8845CGC Datasheet HTML 14Page - Monolithic Power Systems MP8845CGC Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP8845C – 5A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
MP8845C Rev. 1.02
www.MonolithicPower.com
11
4/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
REGISERS AND DESCRIPTION
Register Map
ADD
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
00
VSEL
R/W
EN
Output reference
01
SysCntlreg1
R/W
Switching frequency
Reserved
Reserved
Pglohi
Vinovp
Mode
02
SysCntlreg2
R/W
Reserved
Go
Out-dis
Reserved
Slew rate
03
ID1
R
Vendor ID
Die id
04
ID2
R
Reserved
Die rev
05
Status
R
ILIM
UVLO
OVP
VoOV
VoUV
PGOOD
OTW
EN
stat
Default Value of Register
ADD
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
00
VSEL
R/W
1
1
0
0
1
0
1
1
01
SysCntlreg1
R/W
0
0
0
0
1
1
0
0
02
SysCntlreg2
R/W
0
0
0
0
0
0
0
1
03
ID1
R
0
0
0
1
0
0
0
1
04
ID2
R
0
0
0
0
0
0
0
0
05
Status
R
NA
NA
NA
NA
NA
NA
NA
NA
Register Description
1. Reg00 VSEL
NAME
BITS
DESCRIPTION
EN
D7
I2C controlled enable. When EN pin is low, the converter is off. When EN pin is high,
the EN bit will take over
Output
Reference
D[6:0]
Set output voltage from 0.6V to 1.45V as Table 1
Table 1— Output Voltage Chart
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
000 0000
0.6000
010 0000
0.8141
100 0000
1.0282
110 0000
1.2422
000 0001
0.6067
010 0001
0.8208
100 0001
1.0349
110 0001
1.2489
000 0010
0.6134
010 0010
0.8275
100 0010
1.0415
110 0010
1.2556
000 0011
0.6201
010 0011
0.8342
100 0011
1.0482
110 0011
1.2623
000 0100
0.6268
010 0100
0.8408
100 0100
1.0549
110 0100
1.2690
000 0101
0.6335
010 0101
0.8475
100 0101
1.0616
110 0101
1.2757
000 0110
0.6401
010 0110
0.8542
100 0110
1.0683
110 0110
1.2824
000 0111
0.6468
010 0111
0.8609
100 0111
1.0750
110 0111
1.2891
000 1000
0.6535
010 1000
0.8676
100 1000
1.0817
110 1000
1.2958
000 1001
0.6602
010 1001
0.8743
100 1001
1.0884
110 1001
1.3025
000 1010
0.6669
010 1010
0.8810
100 1010
1.0951
110 1010
1.3091
000 1011
0.6736
010 1011
0.8877
100 1011
1.1018
110 1011
1.3158
000 1100
0.6803
010 1100
0.8944
100 1100
1.1084
110 1100
1.3225
000 1101
0.6870
010 1101
0.9011
100 1101
1.1151
110 1101
1.3292
000 1110
0.6937
010 1110
0.9077
100 1110
1.1218
110 1110
1.3359
000 1111
0.7004
010 1111
0.9144
100 1111
1.1285
110 1111
1.3426
001 0000
0.7070
011 0000
0.9211
101 0000
1.1352
111 0000
1.3493
001 0001
0.7137
011 0001
0.9278
101 0001
1.1419
111 0001
1.3560
001 0010
0.7204
011 0010
0.9345
101 0010
1.1486
111 0010
1.3627
001 0011
0.7271
011 0011
0.9412
101 0011
1.1553
111 0011
1.3694
001 0100
0.7338
011 0100
0.9479
101 0100
1.1620
111 0100
1.3760
001 0101
0.7405
011 0101
0.9546
101 0101
1.1687
111 0101
1.3827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com