Electronic Components Datasheet Search
  English  ▼

X  

MP8848GD Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8848GD
Description  6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8848GD Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8848GD Datasheet HTML 12Page - Monolithic Power Systems MP8848GD Datasheet HTML 13Page - Monolithic Power Systems MP8848GD Datasheet HTML 14Page - Monolithic Power Systems MP8848GD Datasheet HTML 15Page - Monolithic Power Systems MP8848GD Datasheet HTML 16Page - Monolithic Power Systems MP8848GD Datasheet HTML 17Page - Monolithic Power Systems MP8848GD Datasheet HTML 18Page - Monolithic Power Systems MP8848GD Datasheet HTML 19Page - Monolithic Power Systems MP8848GD Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP8848 – 6A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I
2C
MP8848 Rev. 1.0
www.MonolithicPower.com
17
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
I
2C INTERFACE
The MP8848 can communicate with the core
and the I2C for smart design. MPS has a GUI
control interface (see Figure 2). The installation
process and usage can be found in the MP884x
Family Software Guide.
I
2C Address
The I2C slave address of the MP8848 is
0xC0H/0xC1H internally (see Table 2). If other
slave addresses are needed, please contact the
factory.
Table 2: I
2C Slave Address
Hex
A7 A6 A5 A4 A3 A2 A1
A0
W 0xC0
R 0xC1
1
1
0
0
0
0
0
R/W
Address
0x60
I
2C Enable
The MP8848’s EN pin can start up and shut
down the converter, and the I2C EN pin can
control the converter as well. The Reg01 VSEL
D7 bit is I2C-controlled enabled. When writing
D7 = 0, the converter is off. When writing D7 =
1, the converter is on. Both the external EN and
I2C EN can control the converter. The converter
works only when both EN pins are high.
Output Voltage Select
The
MP8848
output
voltage
is
I2C-
programmable. There is no need to set
feedback resistors to achieve different output
voltages. The default output voltage is 0.94V
but can be set from 0.6V to 1.235V in 5mV
steps via the I2C. To change the output voltage,
write the Go bit (Reg03 Syscntlreg2 [D5]) to 1.
This action means that the output voltage can
be set to another value that is not the default Vo
voltage. Then write the Output Reference bit
(Reg01 VSEL [D6:D0]). The output voltage can
be changed according to Table 1.
To guarantee a normal output voltage, the input
voltage is suggested to be 1.5V higher than the
pre-set output voltage.
Switching Frequency
The default switching frequency of the MP8848
is 1.25MHz. However, the frequency can also
be changed based on the application. By writing
the
Switching
Frequency
bits
(Reg02
SysCntlreg1 [D7:D5], the switching frequency
can be programmed to one of six possible
values. Their corresponding data can be found
in Reg02 SysCntlreg1.
Figure 2: MP884x Family Control Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com