Electronic Components Datasheet Search
  English  ▼

X  

MP8848GD Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8848GD
Description  6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8848GD Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8848GD Datasheet HTML 12Page - Monolithic Power Systems MP8848GD Datasheet HTML 13Page - Monolithic Power Systems MP8848GD Datasheet HTML 14Page - Monolithic Power Systems MP8848GD Datasheet HTML 15Page - Monolithic Power Systems MP8848GD Datasheet HTML 16Page - Monolithic Power Systems MP8848GD Datasheet HTML 17Page - Monolithic Power Systems MP8848GD Datasheet HTML 18Page - Monolithic Power Systems MP8848GD Datasheet HTML 19Page - Monolithic Power Systems MP8848GD Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP8848 – 6A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I
2C
MP8848 Rev. 1.0
www.MonolithicPower.com
18
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PG Configuration
The MP8848 has an option to use the
PG_LOHI function. This function can be written
in the PG_LOHI bit (Reg02 Syscntlreg1 [D2]).
The default value is 1, where PG senses both a
positive and negative excursion of Vo from the
reference. If writing this bit to 0, PG only senses
a negative voltage excursion of Vo from the
reference.
Input Over-Voltage Protection (OVP)
The MP8848 has an option to use the
VIN_OVP function. This function can be written
in the VIN_OVP bit (Reg02 Syscntlreg1 [D1]).
The default value is 0, where the VIN_OVP
function is enabled. When VIN is higher than
6.3V, the converter is disabled. After VIN
recovers to 6.2V, the converter restarts. If the
VIN_OVP bit is set to 1, VIN OVP is disabled.
The converter will not stop, even if VIN exceeds
its safe range.
Forced Continuous Conduction Mode (CCM)
The
MP8848
has
auto-pulse-frequency
modulation (PFM) mode and forced continuous
conduction mode (CCM). This function can be
written in the Mode bit (Reg02 Syscntlreg1
[D0]). The default value is 0, where auto-PFM
mode is selected. Considering a smaller Vo
ripple and regulation for a full load range, forced
CCM is recommended. Set this bit to 1 to
disable PFM mode.
Output Discharge
The MP8848 has an output discharge function.
Writing the Out-dis bit (Reg03 SysCntlreg2 [D4])
can change the output discharge mode. The
default value is 1. Discharge the internal Vo
resistance when EN is low. Writing D4 = 1 can
enable the function, and then the output voltage
can be discharged by the internal pull-down
resistance.
Output Voltage Transition Slew Rate
When the output voltage switches from low to
high or from high to low, the transition slew rate
can differ. There are two possible values for
selection. Through writing the Slew Rate bits
(Reg03 Syscntlreg2 D2), the transition slew rate
can be set at one possible value based on the
application. The internal reference follows the
set slew rate, but the output voltage slew rate
does not always follow the internal reference.
Considering the output capacitor and inductor,
the actual output voltage slew rate should be a
little slower.
AVIN Multi-Use
The MP8848’s AVIN pin has multi-usage. When
the P3 Enable bit (Reg03 SysCntlreg2 D1) is 0,
AVIN is an internal analog supply. When the P3
Control bit (Reg03 sysCntlrge2 D1) is 1, the P3
voltage is controlled by the P3 Set bit (Reg03
sysCntlrge2 D0). The P3 voltage is high if D0 =
0; otherwise, the P3 voltage is low (see Table
3).
Table 3: AVIN Multi-Use
D1
D0
AVIN
0
0
Internal analog supply
0
1
1
0
Forced to 1
1
1
Forced to 0
I
2C Register Hold On
The MP8848 has a special function: the I2C
register can hold on after EN changes low. The
updated register can be held for later
application conditions, even if the external EN
pulls low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com