Electronic Components Datasheet Search
  English  ▼

X  

MP8869WGL Datasheet(PDF) 35 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 35 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 31Page - Monolithic Power Systems MP8869WGL Datasheet HTML 32Page - Monolithic Power Systems MP8869WGL Datasheet HTML 33Page - Monolithic Power Systems MP8869WGL Datasheet HTML 34Page - Monolithic Power Systems MP8869WGL Datasheet HTML 35Page - Monolithic Power Systems MP8869WGL Datasheet HTML 36Page - Monolithic Power Systems MP8869WGL Datasheet HTML 37Page - Monolithic Power Systems MP8869WGL Datasheet HTML 38Page - Monolithic Power Systems MP8869WGL Datasheet HTML 39Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
35
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
External Bootstrap Diode
An external bootstrap diode can enhance the
efficiency of the regulator given the following
conditions:
 VOUT is 5V or 3.3V
 Duty cycle is high: D > 50%
In these cases, add an external BST diode from
VCC to BST (see Figure 13).
MP8869W
Figure 13: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is IN4148,
and the recommended BST capacitor value is
0.1ST to 1cap
Connect VCC to VIN at a Low Input
Voltage
VCC can be connected to VIN directly when VIN
is lower than 3.5V. This helps improve the
MP8869W’s
low
input
voltage
efficiency
performance. To use this application set-up, the
VIN spike voltage must be limited below 4V,
otherwise VCC may be damaged.
PCB Layout Guidelines (9)
Efficient
PCB
layout
is
critical for
stable
operation. For best results, refer to Figure 14 and
follow the guidelines below. A four-layer layout is
strongly recommended to achieve better thermal
performance.
1. Place the high-current paths (PGND, VIN,
and SW) very close to the device with short,
direct, and wide traces.
2. Keep the VIN and PGND pads connected
with large copper planes.
3. Use at least two layers for the IN and PGND
trace to achieve better thermal performance.
4. Add several vias close to the IN and PGND
pads to help with thermal dissipation.
5. Place the input capacitors as close to VIN
and PGND as possible.
6. Place the decoupling capacitor as close to
VCC and PGND as possible.
7. Place the external feedback resistors next to
FB.
8. Ensure that there is no via on the FB trace.
9. Keep the switching node SW short and away
from the feedback network.
10. Keep the BST voltage path (BST, C3, and
SW) as short as possible.
NOTE:
9)
The recommended layout is based on the Typical Application
circuit on page 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com