Electronic Components Datasheet Search
  English  ▼

X  

BLB02 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BLB02
Description  1.5 ??2.7 GHz High Linearity LNA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB02 Datasheet(HTML) 1 Page - BeRex Corporation

  BLB02 Datasheet HTML 1Page - BeRex Corporation BLB02 Datasheet HTML 2Page - BeRex Corporation BLB02 Datasheet HTML 3Page - BeRex Corporation BLB02 Datasheet HTML 4Page - BeRex Corporation BLB02 Datasheet HTML 5Page - BeRex Corporation BLB02 Datasheet HTML 6Page - BeRex Corporation BLB02 Datasheet HTML 7Page - BeRex Corporation BLB02 Datasheet HTML 8Page - BeRex Corporation BLB02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.5 – 2.7 GHz High Linearity LNA
BLB02
1
Rev. B
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
• Internally matched to 50 ohms
• Operated at 3.0V and 5.0V
• 36.2 dBm Output IP3 at 0dBm/tone at 1850 MHz
• 18.5dB Gain at 1850MHz
• 19.6dBm P1dB at 1850MHz
• 0.65 dB NF at 1850MHz on evaluation board
• Lead-free/Green/RoHS Compliant DFN8 2x2 Package
BeRex’s BLB02 is a high linearity LNA, based on
GaAs material with E-pHEMT process and pack-
aged in a RoHS-compliant DFN 8L 2x2mm
2 Surface
mount package. It is designed for use where low
noise and high linearity are required and features
low noise and high OIP3 at Frequency range of
1.5~2.7GHz. It is internally matched to 50 Ohms
without external matching components, with fast
enable switching speed for TD-LTE application. All
devices are 100% RF/DC tested and classified as
HBM ESD Class 1B.
Product Description
Device Features
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
• TDD or FDD LTE systems
Applications
Applications Circuit
Typical Performance
1
1 Device performance _ measured on BeRex’s evaluation board at 25°C, 50 Ω system.
BOM
5V Value
3V Value
Size
Vendor
C1,C2,C4
100pF
100pF
0603
Samsung
C3
12pF
12pF
0603
Samsung
R1
6.8Kohm
5.1Kohm
0603
Samsung
R2
3 ohm
3 ohm
0603
Samsung
L1
15nH
15nH
0603
Taiyo Yuden
L2
39nH
39nH
0603
Taiyo Yuden
Min.
Typical
Max.
Unit
Bandwidth
1500
2700
MHz
Id @ (Vd = 5.0V)
50
60
70
mA
Id @ (Vd = 3.0V)
31
35
39
dG/dT
-0.008
dB/°C
RTH
34.1
°C/W
Switching Time(Ton)
250
ns
Switching Time(Toff )
140
ns
Parameter
Frequency
Unit
Vd = 5V
1750
1850
1950
2140
MHz
2650
Gain
19.0
18.5
18.1
17.5
dB
15.6
S11
-12.0
-11.5
-11.8
-11.9
dB
-13.4
S22
-14.5
-15.5
-13.2
-12.0
dB
-10.4
OIP3
2
36.0
36.2
36.8
35.0
dBm
33.0
P1dB
19.5
19.6
19.5
19.2
dBm
19.0
Noise Figure
0.60
0.65
0.67
0.77
dB
0.99
Parameter
Frequency
Unit
Vd = 3V
1750
1850
1950
2140
MHz
2650
Gain
18.4
18.1
17.7
17.0
dB
15.2
S11
-10.7
-10.4
-10.6
-10.7
dB
-12.1
S22
-14.6
-14.8
-12.5
-11.5
dB
-10.2
OIP3
2
30.2
30.2
30
28.7
dBm
28.2
P1dB
15.4
15.6
15.8
15.6
dBm
15.7
Noise Figure
0.53
0.55
0.56
0.65
dB
0.89
C1
C2
RF In
RF Out
Vd
L2
L1
R2
R1
C3
C4
8
7
6
3
4
5
2
1
2 OIP3 _measured with two tones at an output power of 0 dBm/tone separated by 1 MHz.
* Refer to page 13 for Enable application.


Similar Part No. - BLB02

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BLB02 BEREX-BLB02 Datasheet
1Mb / 17P
1500 – 2700 MHz High Linearity LNA
Rev. 7.5
More results

Similar Description - BLB02

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BNT01 BEREX-BNT01 Datasheet
1Mb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
logo
Broadcom Corporation.
ALM-32220 BOARDCOM-ALM-32220 Datasheet
719Kb / 11P
1.7 GHz ??2.7 GHz 2 Watt High Linearity Amplifier
logo
Advanced Semiconductor ...
ASL19C ASB-ASL19C_17 Datasheet
882Kb / 10P
High Linearity LNA MMIC
April 2017
ASL29W ASB-ASL29W_17 Datasheet
838Kb / 12P
High Linearity LNA MMIC
April 2017
ASL41S9 ASB-ASL41S9_17 Datasheet
510Kb / 11P
High Linearity LNA MMIC
January 2017
logo
BeRex Corporation
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
logo
Qorvo, Inc
QPL6208Q QORVO-QPL6208Q Datasheet
287Kb / 7P
High-Linearity SDARS LNA
QPL6216Q QORVO-QPL6216Q Datasheet
542Kb / 7P
High-Linearity SDARS LNA
logo
Guerrilla RF, Inc.
GRF5526W GUERRILLA-GRF5526W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 2.5 to 2.7 GHz
January 27, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com