Electronic Components Datasheet Search
  English  ▼

X  

BLB02 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BLB02
Description  1.5 ??2.7 GHz High Linearity LNA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB02 Datasheet(HTML) 4 Page - BeRex Corporation

  BLB02 Datasheet HTML 1Page - BeRex Corporation BLB02 Datasheet HTML 2Page - BeRex Corporation BLB02 Datasheet HTML 3Page - BeRex Corporation BLB02 Datasheet HTML 4Page - BeRex Corporation BLB02 Datasheet HTML 5Page - BeRex Corporation BLB02 Datasheet HTML 6Page - BeRex Corporation BLB02 Datasheet HTML 7Page - BeRex Corporation BLB02 Datasheet HTML 8Page - BeRex Corporation BLB02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1.5 – 2.7 GHz High Linearity LNA
BLB02
4
Rev. B
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
S-Parameter
(Vd=5.0V,Id = 60mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
1500
0.29
-119.63
10.57
105.01
0.04
17.18
0.16
-44.07
1600
0.29
-123.76
10.04
100.48
0.04
15.79
0.17
-42.35
1700
0.30
-128.32
9.60
96.15
0.04
15.23
0.19
-42.07
1800
0.31
-131.07
9.16
92.14
0.04
11.77
0.20
-42.98
1900
0.31
-133.63
8.76
88.42
0.04
12.84
0.22
-42.96
2000
0.32
-136.12
8.39
84.45
0.04
10.54
0.24
-44.48
2100
0.32
-138.60
8.10
80.94
0.04
10.29
0.25
-44.72
2200
0.32
-141.00
7.78
77.36
0.04
7.74
0.27
-46.99
2300
0.32
-142.98
7.51
73.78
0.04
7.92
0.28
-48.66
2400
0.32
-143.70
7.25
70.67
0.04
4.95
0.30
-51.24
2500
0.32
-145.08
7.01
67.44
0.04
4.46
0.31
-52.75
2600
0.31
-146.89
6.77
64.26
0.04
4.88
0.32
-54.76
2700
0.31
-148.06
6.59
60.91
0.04
0.18
0.33
-56.90
(Vd=3.0V,Id = 35mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
1500
0.33
-113.72
9.96
105.42
0.04
14.98
0.19
-52.50
1600
0.33
-118.36
9.46
100.83
0.04
14.16
0.20
-51.51
1700
0.34
-123.13
9.04
96.32
0.04
12.20
0.22
-50.82
1800
0.35
-126.39
8.62
92.19
0.04
11.30
0.23
-51.55
1900
0.35
-129.92
8.24
88.28
0.04
11.53
0.24
-51.73
2000
0.36
-132.85
7.91
84.09
0.04
10.00
0.26
-53.05
2100
0.36
-135.64
7.59
80.64
0.04
7.89
0.27
-53.85
2200
0.36
-138.37
7.31
77.00
0.04
7.22
0.28
-55.71
2300
0.36
-140.12
7.05
73.62
0.04
5.52
0.30
-56.83
2400
0.36
-142.07
6.81
69.96
0.04
6.08
0.31
-58.83
2500
0.36
-144.20
6.58
66.76
0.04
5.69
0.32
-60.85
2600
0.35
-146.16
6.35
63.60
0.04
3.61
0.33
-62.55
2700
0.35
-147.22
6.18
60.21
0.05
1.62
0.34
-64.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com