Electronic Components Datasheet Search
  English  ▼

X  

BMT352 Datasheet(PDF) 13 Page - BeRex Corporation

Part # BMT352
Description  3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT352 Datasheet(HTML) 13 Page - BeRex Corporation

Back Button BMT352 Datasheet HTML 9Page - BeRex Corporation BMT352 Datasheet HTML 10Page - BeRex Corporation BMT352 Datasheet HTML 11Page - BeRex Corporation BMT352 Datasheet HTML 12Page - BeRex Corporation BMT352 Datasheet HTML 13Page - BeRex Corporation BMT352 Datasheet HTML 14Page - BeRex Corporation BMT352 Datasheet HTML 15Page - BeRex Corporation BMT352 Datasheet HTML 16Page - BeRex Corporation BMT352 Datasheet HTML 17Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352
13
Rev. B
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Application Circuit: 3.7 GHz
Schematic Diagram
BOM
Marks
C1
0603
1uF
C2
0603
1uF
C3
0603
20pF
C4
0603
20pF
C5
0603
N/A
C6
0603
N/A
C7
0603
20pF
C8
0603
10pF
High Q Cap
C9
0603
N/A
C10
0603
N/A
C11
0603
N/A
C12
0603
N/A
C13
0603
2pF
C14
0603
20pF
C15
0603
1uF
C16
0603
0.8pF
High Q Cap
C17
0603
1.3pF
High Q Cap
C18
0603
1.3pF
High Q Cap
L1
0603
0 Ω
L2
0805
12nH
Coilcraft-HQ
R1
0603
330 Ω
R2
0603
470 Ω
R3
0603
20 Ω
PCB Diagram
Notice
In table below can be changed per sub-
strate conditions
1.
C8 & C17 & C16 & C18 : We recommend
High-Q capacitor for better output pow-
er performance. We used Johanson
Tech’s capacitor .
Reference
Object
Distance
Input pin
C17
8.6mm
Input pin
C16
1.5mm
Output pin
C18
1.3mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com