Electronic Components Datasheet Search
  English  ▼

X  

BMT352 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BMT352
Description  3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT352 Datasheet(HTML) 3 Page - BeRex Corporation

  BMT352 Datasheet HTML 1Page - BeRex Corporation BMT352 Datasheet HTML 2Page - BeRex Corporation BMT352 Datasheet HTML 3Page - BeRex Corporation BMT352 Datasheet HTML 4Page - BeRex Corporation BMT352 Datasheet HTML 5Page - BeRex Corporation BMT352 Datasheet HTML 6Page - BeRex Corporation BMT352 Datasheet HTML 7Page - BeRex Corporation BMT352 Datasheet HTML 8Page - BeRex Corporation BMT352 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352
3
Rev. B
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Typical Device Data
S-parameters (Vcc & VBias = +5V, Icq=330mA, Ta=25°C)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[GHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
3.0
0.85
-169.83
6.80
131.45
0.01
84.90
0.70
-163.38
3.1
0.85
-171.29
7.13
125.18
0.01
82.11
0.72
-157.60
3.2
0.85
-172.08
7.15
112.90
0.01
84.13
0.77
-155.37
3.3
0.84
-173.58
7.13
104.15
0.01
85.52
0.80
-154.65
3.4
0.84
-174.18
7.12
91.77
0.01
83.96
0.84
-154.26
3.5
0.84
-175.94
6.78
80.60
0.01
79.18
0.87
-154.55
3.6
0.84
-176.75
6.57
68.06
0.02
83.97
0.91
-155.12
3.7
0.85
-177.94
6.03
53.82
0.02
76.55
0.95
-156.77
3.8
0.84
-179.59
5.55
42.73
0.02
73.93
0.96
-158.27
3.9
0.84
179.08
4.86
28.34
0.02
68.24
0.98
-160.44
4.0
0.84
177.56
4.28
18.35
0.02
63.23
0.98
-162.53
S-Parameter
(Vcc & VBias = +5V, Icq = 330mA, Ta= 25 °C, calibrated to device leads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com