Electronic Components Datasheet Search
  English  ▼

X  

MP9148 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP9148
Description  6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9148 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP9148 Datasheet HTML 1Page - Monolithic Power Systems MP9148 Datasheet HTML 2Page - Monolithic Power Systems MP9148 Datasheet HTML 3Page - Monolithic Power Systems MP9148 Datasheet HTML 4Page - Monolithic Power Systems MP9148 Datasheet HTML 5Page - Monolithic Power Systems MP9148 Datasheet HTML 6Page - Monolithic Power Systems MP9148 Datasheet HTML 7Page - Monolithic Power Systems MP9148 Datasheet HTML 8Page - Monolithic Power Systems MP9148 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP9148 – 6V, 1A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MP9148 Rev.1.0
www.MonolithicPower.com
4
11/10/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Supply Current (Quiescent)
IQ
VIN=3.6V, VEN=2V,
VFB = 0.65V
35
45
55
μA
Shutdown Current
VEN = 0V
0
1
μA
IN Under-Voltage Lockout
Threshold
Rising edge
2.4
2.5
2.6
V
IN Under-Voltage Lockout
Hysteresis
300
mV
Regulated FB Voltage
VFB
TA = +25°C
0.596
0.608
0.620
V
FB Input Current
VFB = 0.608V
±10
50
nA
EN, HIGH Threshold
–40°C ≤ TA ≤ +85°C
1.2
V
EN, LOW Threshold
–40°C ≤ TA ≤ +85°C
0.4
V
Internal Soft-Start Time
τSS
0.5
ms
High-Side Switch, ON-
Resistance
RDSON_P VIN=5V
100
mΩ
Low-Side Switch, ON-
Resistance
RDSON_N VIN=5V
40
mΩ
SW Leakage Current
VEN = 0V; VIN = 6V
VSW = 0V and 6V
–1
0
1
μA
High-Side Switch, Current Limit
Sourcing, D=40%
2.5
A
Oscillator Frequency
Both channels work in
CCM
0.8
1
1.2
MHz
Phase Shift
180
degree
Minimum ON Time
(6)
τON_MIN
90
ns
Minimum OFF Time
τOFF_MIN
100
ns
Maximum Duty Cycle
100
%
Thermal Shutdown Threshold
(6)
Hysteresis = 30°C
160
°C
Notes:
5) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
6) Guarantee by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com